Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4117-22WZ12VDC Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 4117-22WZ12VDC
Description  4117-2
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

4117-22WZ12VDC Datasheet(HTML) 2 Page - DB Lectro Inc

  4117-22WZ12VDC Datasheet HTML 1Page - DB Lectro Inc 4117-22WZ12VDC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Operation condition
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC255-5
Dielectric Strength
Between contacts
Between
contact and coil
50Hz 750V
50Hz 1500V
Item 6
of IEC255-5
Item 6
of IEC255-5
Shock resistance
100m/s
2
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz
double amplitude
1.27mm
IEC68-2-6
Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
’x2’
3
x0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~85
’
Relative Humidity
85% (at 40
’)
IEC68-2-3Test Ca
Mass
20g
Qualification inspection:
Perform the qualification test as specified in the table
of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
Reference Data
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
4117-2
Dimensions
Wiring diagram(Bottom views)
Mounting (Bottom views)
mm
>àçÇá
0.3
0.012
1.4
0.055
2.1
0.083
2.4
0.094
3.81
0.150
4.0
0.157
5.08
0.200
8.89
0.350
10.16
0.400
18
0.709
20
0.787
29.6
1.165
www.dblectro.com


Similar Part No. - 4117-22WZ12VDC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117-22WZ12VDC DBLECTRO-4117-22WZ12VDC Datasheet
753Kb / 3P
   Twin structure of 4117 type
More results

Similar Description - 4117-22WZ12VDC

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117 DBLECTRO-4117 Datasheet
450Kb / 2P
   4117
4417-2 DBLECTRO-4417-2 Datasheet
753Kb / 3P
   Twin structure of 4117 type
logo
Schneider Electric
LJB202 SCHNEIDER-LJB202 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N12 - 2" Nipple
LJB22 SCHNEIDER-LJB22 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N12 - 2 ft lg
logo
WAGO Kontakttechnik Gmb...
2020-2239 WAGO-2020-2239 Datasheet
647Kb / 12P
   2-conductor/2-pin double-deck carrier terminal; 2-conductor/2-pin
29.12.2021
logo
TRACO Electronic AG
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
   TEC 2 Series, 2 Watt
Rev. November 30, 2022
logo
Huber+Suhner, Inc.
26_SMP-50-2-2111_N HUBERSUHNER-26_SMP-50-2-2111_N Datasheet
151Kb / 2P
   26_SMP-50-2-2/111_N
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
   TDR 2 Series, 2 Watt
Rev. November 30, 2022
logo
Schneider Electric
LDB22 SCHNEIDER-LDB22 Datasheet
57Kb / 2P
   WIREWAY 2 x 2 - N1 Paint - 2 ft lg
logo
WAGO Kontakttechnik Gmb...
2022-2239 WAGO-2022-2239 Datasheet
660Kb / 14P
   2-conductor/2-pin, double-deck carrier terminal block; 2-conductor/2-pin
29.12.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com