Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8022-1363-AU Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 8022-1363-AU
Description  808nm 200mW IR Laser Diodes AUTO PACKAGE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

8022-1363-AU Datasheet(HTML) 1 Page - DB Lectro Inc

  8022-1363-AU Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
8022-1363-AU
Specifications
Device
Laser Diode
Package Type
TO-5(φ9.0mm)
Symbols
Ratings
Units
Po
200
mW
Laser
Vr
2
V
PIN PD
Vr(PIN)
10
V
Top
-10∼+50
Tstg
-40∼+85
Symbols
Conditions
Min.
Typ.
Max.
Units
Ith
-
-
150
200
mA
Iop
Po=200mW
-
350
500
mA
Vop
Po=200mW
-
1.9
3
Volts
100mW
I(200mW)-I(100mW)
Im
Po=200mW
-
0.3
6.0
mA
Beam Divergence
Parallel
θ//
Po=200mW
-12
17
deg.
(FWHM)
Prependicular
θ⊥
Po=200mW
-28
40
deg.
Parallel Deviation Angle
Δθ//
Po=200mW
-3
-
3
deg.
Perpendicular Deviation Angle
Δθ⊥
Po=200mW
-3
-
3
deg.
ΔX
Po=200mW
-50
-
50
μm
ΔY
Po=200mW
-50
-
50
μm
ΔZ
Po=200mW
-50
-
50
μm
λ
Po=200mW
804
807
810
nm
Im is sorting by custom's need
◎θ// and θ⊥ are defined as the angle within which the intensity is 50% of the peak value.
mW/mA
Threshold Current
Characteristics
■Absolute Maximum Ratings(Tc=25℃)
■Electrical and optical Characteristics(Tc=25℃)
Characteristics
808nm 200mW IR Laser Diodes AUTO PACKAGE
Operating Current
1.0
Monitor Current
Lasing Wavelength
Operating Voltage
Slope Efficiency
Emission Point Accuracy
0.9
0.65
η
Optical Output
Operating Temperature
Storage Temperature
Reverse Voltage
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - 8022-1363-AU

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8022-000100 BELDEN-8022-000100 Datasheet
152Kb / 2P
   Bus Bar Wire, #24 Sol TC
05-05-2023
8022-0001000 BELDEN-8022-0001000 Datasheet
152Kb / 2P
   Bus Bar Wire, #24 Sol TC
05-05-2023
More results

Similar Description - 8022-1363-AU

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
8013-2323-AU DBLECTRO-8013-2323-AU Datasheet
67Kb / 1P
   808nm 1000mW IR Laser Diodes AUTO PACKAGE
8052-1313-AU DBLECTRO-8052-1313-AU Datasheet
67Kb / 1P
   808nm 500mW IR Laser Diodes AUTO PACKAGE
8018-4200-00 DBLECTRO-8018-4200-00 Datasheet
111Kb / 1P
   808nm 180mW IR Laser Diodes
6521-2112-AU DBLECTRO-6521-2112-AU Datasheet
70Kb / 1P
   660nm 20mW Laser Diodes AUTO PACKAGE
6511-7261-AU DBLECTRO-6511-7261-AU Datasheet
78Kb / 1P
   650nm 10mW Laser Diodes AUTO PACKAGE
6311-7212-AU DBLECTRO-6311-7212-AU Datasheet
82Kb / 1P
   635nm 10mW Laser Diodes AUTO PACKAGE
6750-7241-AU DBLECTRO-6750-7241-AU Datasheet
78Kb / 1P
   670nm 5 mW Laser Diodes AUTO PACKAGE
6350-1271-AU DBLECTRO-6350-1271-AU Datasheet
99Kb / 2P
   635nm 5 mW Laser Diodes AUTO PACKAGE
6550-5151-DV DBLECTRO-6550-5151-DV Datasheet
67Kb / 1P
   650nm 5 mW Laser Diodes AUTO PACKAGE
6551-7212-AU DBLECTRO-6551-7212-AU Datasheet
70Kb / 1P
   660nm 50 mW Laser Diodes AUTO PACKAGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com