Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3362X501 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3362X501
Description  7횞7.2 Square/Single Turn/Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3362X501 Datasheet(HTML) 1 Page - DB Lectro Inc

  3362X501 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
253
503
104
204
254
504
105
205
Special resistances available
Electrical Characteristics
Standard Resistance Range.................50Ω2MΩ
Resistance Tolerance....................................±10%
Absolute Minimum Resistance..........1%R10Ω
Contact Resistance Variation........CRV3%5Ω
Insulation Resistance................R11GΩ
(500Vac)
Withstand Voltage......................................700Vac
Effective Travel.............................................250
Environmental Characteristics
Power Rating, 300 volts max
.........................................0.5W@70
℃,0W@125℃
Temperature Range..........................-55
125
Temperature Coefficient......................±250ppm/
Temperature Variation............-55
℃,30min,+125℃
........................................................30min
5cyccles
................................
△R5%R,△(Uab/Uac)5%
Vibration..............................10
500Hz,0.75mm,6h
......................
△R5%R, △(Uab/Uac)≤±7.5%R
Collision................390m/s2,4000cycles △R5%R
Electrical Endurance at 70
℃...............0.5W@70℃
............................1000h,
△R10%R,R1100MΩ
Rotational Life.........................................200cycles
.................................
△R10%R,CRV3% or 5Ω
Physical Characteristics
Starting Torque.......................................
...
Install dimension............................
...
Mutual dimension............................
 
How To Order
3362----X--------103
7×7.2 Square/Single Turn/Trimming Potentiometer
-- 3362X--
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 3362X501

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3362X BOURNS-3362X Datasheet
283Kb / 2P
   Square Trimpot Trimming Potentiometer Tape and reel packaging available
logo
Vatronics Technologies ...
3362X VATRONICS-3362X Datasheet
83Kb / 3P
   6mm Square Single-Turn Trimmer Potentiometers
logo
Bourns Electronic Solut...
3362X-1-102LF BOURNS-3362X-1-102LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
3362X-1-201LF BOURNS-3362X-1-201LF Datasheet
298Kb / 2P
   3362 - 1/4 Square Trimpot Trimming Potentiometer
More results

Similar Description - 3362X501

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3362P DBLECTRO-3362P Datasheet
205Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
3362M DBLECTRO-3362M Datasheet
201Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
3362S DBLECTRO-3362S Datasheet
202Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
3362H DBLECTRO-3362H Datasheet
203Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
3362R DBLECTRO-3362R Datasheet
202Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
3362W DBLECTRO-3362W Datasheet
202Kb / 1P
   7횞7.2 Square/Single Turn/Trimming Potentiometer
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
   7횞7 Square/ Single Turn /Trimming Potentiometer
3386H DBLECTRO-3386H Datasheet
198Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
   7횞7 Square/ Single Turn /Trimming Potentiometer
3386Y DBLECTRO-3386Y Datasheet
194Kb / 1P
   9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com