Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD4218165L Datasheet(PDF) 6 Page - NEC

Part # UPD4218165L
Description  3.3 V OPERATION 16 M-BIT DYNAMIC RAM 1 M-WORD BY 16-BIT, EDO, BYTE READ/WRITE MODE
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD4218165L Datasheet(HTML) 6 Page - NEC

Back Button UPD4218165L Datasheet HTML 2Page - NEC UPD4218165L Datasheet HTML 3Page - NEC UPD4218165L Datasheet HTML 4Page - NEC UPD4218165L Datasheet HTML 5Page - NEC UPD4218165L Datasheet HTML 6Page - NEC UPD4218165L Datasheet HTML 7Page - NEC UPD4218165L Datasheet HTML 8Page - NEC UPD4218165L Datasheet HTML 9Page - NEC UPD4218165L Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
µPD42S18165L, 4218165L
6
Hyper Page Mode (EDO)
The hyper page mode (EDO) is a kind of page mode with enhanced features. The two major features of the
hyper page mode (EDO) are as follows.
1. Data output time is extended.
In the hyper page mode (EDO), the output data is held to the next CAS cycle’s falling edge, instead of the rising
edge. For this reason, valid data output time in the hyper page mode (EDO) is extended compared with the fast
page mode (= data extend function). In the fast page mode, the data output time becomes shorter as the CAS
cycle time becomes shorter. Therefore, in the hyper page mode (EDO), the timing margin in read cycle is larger
than that of the fast page mode even if the CAS cycle time becomes shorter.
2. The CAS cycle time in the hyper page mode (EDO) is shorter than that in the fast page mode.
In the hyper page mode (EDO), due to the data extend function, the CAS cycle time can be shorter than in the
fast page mode if the timing margin is the same.
Taking a device whose tRAC is 60 ns as an example, the CAS cycle time in the fast page mode is 25 ns while that
in the fast page mode is 40 ns.
In the hyper page mode (EDO), read (data out) and write (data in) cycles can be executed repeatedly during one
RAS cycle. The hyper page mode (EDO) allows both read and write operations during one cycle.
The following shows a part of the hyper page mode (EDO) read cycle. Specifications to be observed are described
in the next page.
Hyper Page Mode (EDO) Read Cycle
tHPC
tOEA
tOEZ
tAA
Hi - Z
Hi - Z
Row
Col.A
Col.B
Col.C
tOEA
tOLZ
RAS
VIH
VIL
CAS
VIH
VIL
Address
VIH
VIL
VIH
VIL
OE
VIH
VIL
I/O
VOH
VOL
Data out A
Data out B
Data out C
Data out C
tOEZ
tAA
tCAC
tOEZ
tOEP
tOEP
tOCH
tCHO
tCHO
WE
tRAC
tAA
tCAC
tCLZ
tCAC
tCLZ
tWPZ
tDHC
tOFC
tOFR
tWEZ
tOCH
tRRH
tRCH


Similar Part No. - UPD4218165L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD421000 NEC-UPD421000 Datasheet
836Kb / 27P
   APPLICATION NOTE 53
UPD421000-10 NEC-UPD421000-10 Datasheet
836Kb / 27P
   APPLICATION NOTE 53
UPD421000-12 NEC-UPD421000-12 Datasheet
836Kb / 27P
   APPLICATION NOTE 53
UPD421000-80 NEC-UPD421000-80 Datasheet
836Kb / 27P
   APPLICATION NOTE 53
UPD421001 NEC-UPD421001 Datasheet
836Kb / 27P
   APPLICATION NOTE 53
More results

Similar Description - UPD4218165L

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4216800L NEC-UPD4216800L Datasheet
915Kb / 22P
   3.3 V OPERATION 16 M-BIT DYNAMIC RAM 2 M-WORD BY 8-BIT, FAST PAGE MODE
logo
OKI electronic componet...
MSM511666C OKI-MSM511666C Datasheet
242Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO (BYTE WRITE)
logo
Mitsubishi Electric Sem...
M5M44265CJ MITSUBISHI-M5M44265CJ Datasheet
324Kb / 31P
   EDO (HYPER PAGE MODE) 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
M5M4V4265CJ MITSUBISHI-M5M4V4265CJ Datasheet
317Kb / 31P
   EDO (HYPER PAGE) MODE 4194304-BIT (262144-WORD BY 16-BIT) DYNAMIC RAM
logo
OKI electronic componet...
MSM511664C OKI-MSM511664C Datasheet
240Kb / 16P
   65,536-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE (BYTE WRITE)
logo
Mitsubishi Electric Sem...
M5M467405BTP-5 MITSUBISHI-M5M467405BTP-5 Datasheet
403Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
M5M467405DTP-5 MITSUBISHI-M5M467405DTP-5 Datasheet
273Kb / 39P
   EDO MODE 67108864-BIT (16777216-WORD BY 4-BIT) DYNAMIC RAM
logo
NEC
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516CD64ES ELPIDA-MC-4516CD64ES Datasheet
143Kb / 16P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com