Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH4D18-220 Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDRH4D18-220
Description  POWER INDUCTORS (SMT Type)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH4D18-220 Datasheet(HTML) 1 Page - Sumida Corporation

  CDRH4D18-220 Datasheet HTML 1Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.sumida.com
Rev1.0
07/02
CDRH4D18
TYPE CDRH4D18
Parts No.
Inductance
D.C.R. (Ω) (Max) Typical
/ Rated D. C. Current (A)
Parts No.
Inductance
D.C.R. (Ω) (Max) Typical
/ Rated D. C. Current (A)
1R0
1.0µH
45m (35m) / 1.72
7R4
7.4µH
1R2
1.2µH
8R2
8.2µH
245m (190m) / 0.68
1R5
1.5µH
8R6
8.6µH
1R8
1.8µH
8R7
8.7µH
2R2
2.2µH
75m (58m) / 1.32
8R9
8.9µH
2R6
2.6µH
100
10µH
0.200 (0.148) / 0.61
2R7
2.7µH
105m (80m) / 1.28
120
12µH
0.210 (0.156) / 0.56
3R0
3.0µH
150
15µH
0.240 (0.178) / 0.50
3R3
3.3µH
110m (85m) / 1.04
180
18µH
0.338 (0.250) / 0.48
3R9
3.9µH
155m (120m) / 0.88
220
22µH
0.397 (0.294) / 0.41
4R1
4.1µH
270
27µH
0.441 (0.327) / 0.35
4R2
4.2µH
330
33µH
0.694 (0.514) / 0.32
4R7
4.7µH
162m (125m) / 0.84
390
39µH
0.709 (0.525) / 0.30
5R0
5.0µH
470
47µH
5R3
5.3µH
560
56µH
5R4
5.4µH
680
68µH
5R6
5.6µH
170m (130m) / 0.80
820
82µH
6R0
6.0µH
101
100µH
6R2
6.2µH
121
120µH
6R8
6.8µH
200m (155m) / 0.76
151
150µH
7R3
7.3µH
181
180µH
Rated D.C. Current
This indicates the value of current when the inductance is 75%(65%) more than its nominal value and temperature rising t=40°C lower at D.C. superimposition.
Sales Contact
North America
Japan
Hong Kong
Taiwan
Singapore
Europe
1701 Golf Road, Tower 3
Suite 400, Rolling
Meadows, IL 60008, USA
Tel: (1) 847 545-6700
Fax: (1) 847 545-6720
Nihonbashi- ingyocho
2-Chome, Chuo-ku,
Tokyo, Japan
Tel: (81) 03 3667-3301
Fax: (81) 03 3667-3456
14/F, Eastern Centre,
1065 King's Road, Quarry
Road, Hong Kong
Tel: (852) 2880-6688
Fax: (852) 2880-9596
No. 171, Futech Street,
Hsin-I, Taipei, Taiwan,
ROC
Tel: (886) 2 2726-2177
Fax: (886) 2 2728-2726
996 Bendemeer
Road #04-05 to 06
Singapore 339944
Tel: (65) 2963-388
Fax: (65) 2963-390
Chaussee de Tervuren113A,
1160 Brussels
Belgium
Email:
europe.sales@hk.sumida.com
Outline
SMT type power inductors whereby the electrode is attached to the ferrite core directly. They are also
magnetically shielded to prevent noise radiation.
POWER INDUCTORS (SMT Type)
SHIELDED TYPE
Measuring Freq. (L)
CDRH4D18
100kHz
Tolerance of Inductance
CDRH4D18
±
30% (N)
(1.0µH – 39µH)
Dimensions (mm)
LAND PATTERNS(mm)
CONSTRUCTION
4.5
2.0MAX.
5.0MAX.
2.9
0.5
5.3


Similar Part No. - CDRH4D18-220

ManufacturerPart #DatasheetDescription
logo
ECM Electronics Limited...
CDRH4D18-220 ECM-CDRH4D18-220 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH4D18-220 AITCOMPONENTS-CDRH4D18-220 Datasheet
30Kb / 1P
   CDRH4D18 SMD POWER INDUCTOR
More results

Similar Description - CDRH4D18-220

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH6D28 SUMIDA-CDRH6D28 Datasheet
81Kb / 1P
   POWER INDUCTORS (SMT Type)
logo
List of Unclassifed Man...
CDH53 ETC-CDH53 Datasheet
89Kb / 1P
   POWER INDUCTORS (SMT Type)
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com