Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U637H256 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # U637H256
Description  CapStore 32K x 8 nvSRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U637H256 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  U637H256 Datasheet HTML 1Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 2Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 3Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 4Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 5Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 6Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 7Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 8Page - List of Unclassifed Manufacturers U637H256 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
U637H256
1
March 31, 2006
STK Control #ML0056
Rev 1.0
CapStore 32K x 8 nvSRAM
Pin Configuration
Pin Description
Top View
1
A14
VCC
28
2
A12
W
27
4
A6
A8
25
5
A5
A9
24
3
A7
A13
26
6
A4
A11
23
7
A3
G
22
8
A2
A10
21
12
DQ1
DQ5
17
9
A1
E
20
10
A0
DQ7
19
11
DQ0
DQ6
18
13
DQ2
DQ4
16
14
VSS
DQ3
15
PDIP
Signal Name
Signal Description
A0 - A14
Address Inputs
DQ0 - DQ7
Data In/Out
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Power Supply Voltage
VSS
Ground
The U637H256 has two separate
modes of operation: SRAM mode
and nonvolatile mode. In SRAM
mode, the memory operates as an
ordinary static RAM. In nonvolatile
operation, data is transferred in
parallel from SRAM to EEPROM or
from EEPROM to SRAM. In this
mode SRAM functions are disab-
led.
The U637H256 is a fast static RAM
(25 ns) with a nonvolatile electri-
cally erasable PROM (EEPROM)
element incorporated in each static
memory cell. The SRAM can be
read and written an unlimited num-
ber of times, while independent
nonvolatile
data
resides
in
EEPROM. Data transfers from the
SRAM
to
the
EEPROM
(the
STORE operation) take place auto-
matically upon power down using
charge stored in an integrated
capacitor.
Transfers
from
the
EEPROM
to
the
SRAM
(the
RECALL
operation)
take
place
automatically on power up. The
U637H256 combines the high per-
formance and ease of use of a fast
SRAM with nonvolatile data inte-
grity.
STORE cycles also may be initia-
ted under user control via a soft-
ware sequence.
Once a STORE cycle is initiated,
further input or output are disabled
until the cycle is completed.
Because a sequence of addresses
is used for STORE initiation, it is
important that no other read or
write accesses intervene in the
sequence or the sequence will be
aborted.
RECALL cycles may also be initia-
ted by a software sequence.
Internally, RECALL is a two step
procedure. First, the SRAM data is
cleared and second, the nonvola-
tile information is transferred into
the SRAM cells.
The RECALL operation in no way
alters the data in the EEPROM
cells. The nonvolatile data can be
recalled an unlimited number of
times.
The U637H256 is pin compatible
with standard SRAMs and standard
battery backed SRAMs.
Features
Description
High-performance CMOS non-
volatile static RAM 32768 x 8 bits
25 ns Access Time
10 ns Output Enable Access
Time
ICC = 15 mA typ. at 200 ns Cycle
Time
Unlimited Read and Write Cycles
to SRAM
Automatic STORE to EEPROM
on Power Down using charge
stored in an integrated capacitor
Software initiated STORE
Automatic STORE Timing
106 STORE cycles to EEPROM
100 years data retention in
EEPROM
Automatic RECALL on Power Up
Software RECALL Initiation
Unlimited RECALL cycles from
EEPROM
Single 5 V
± 10 % Operation
Operating temperature range:
0 to 70
°C
-40 to 85
°C
QS 9000 Quality Standard
(MIL STD 883C M3015.7)
RoHS compliance and Pb- free
Package: PDIP28 (600 mil)


Similar Part No. - U637H256

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256DC25G1 SIMTEK-U637H256DC25G1 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256DK25G1 SIMTEK-U637H256DK25G1 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
More results

Similar Description - U637H256

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U637256 SIMTEK-U637256 Datasheet
253Kb / 14P
   CapStore 32K x 8 nvSRAM
U637H256 SIMTEK-U637H256 Datasheet
257Kb / 14P
   CapStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
U63716 ETC-U63716 Datasheet
206Kb / 13P
   CAPSTORE 2K X 8 NVSRAM
logo
Simtek Corporation
U63764 SIMTEK-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
logo
List of Unclassifed Man...
U63764 ETC1-U63764 Datasheet
136Kb / 14P
   CapStore 8K x 8 nvSRAM
logo
Simtek Corporation
U63716 SIMTEK-U63716 Datasheet
135Kb / 14P
   CapStore 2K x 8 nvSRAM
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U631H256 ETC1-U631H256 Datasheet
140Kb / 13P
   SoftStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com