Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPO2506I-822L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LPO2506I-822L
Description  LPO2506 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LPO2506I-822L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LPO2506I-822L Datasheet HTML 1Page - List of Unclassifed Manufacturers LPO2506I-822L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© Coilcraft, Inc. 2006
Specifications subject to change without notice.
Please check our website for latest information.
SMT Power Inductors - LPO2506 Series
Document 208-1
Document 208-1
Revised 05/23/05
With an above-board height of just
1,19 mm, this is our thinnest power
inductor series, perfect for PC Card
or other low profile applications.
The LPO2506 comes in two styles.
One is a standard on-board design
that is 1,65 mm high. The second
uses Coilcraft’s InBoard® Technol-
ogy. By dropping the inductor core through a hole in the
circuit board, the above-board height is reduced to 1,19
mm. (Custom designs can reduce this even further to a
maximum of 0,9 mm, depending on board thickness.)
Coilraft Designer’s Kit C332 contains samples of all in-
board values shown; Kit C333 contains all on-board
values. To order, contact Coilcraft, or purchase them on-
line at http://order.coilcraft.com.
In-board style
On-board style
L ±20%2
DCR max
SRF typ
Isat3
Irms4
part number1
part number1
(µH)
(Ohms)
(MHz)
(A)
(A)
LPO2506I-472L_
LPO2506O-472L_
4.7
0.145
90
1.6
1.9
LPO2506I-682L_
LPO2506O-682L_
6.8
0.165
75
1.3
1.7
LPO2506I-822L_
LPO2506O-822L_
8.2
0.200
65
1.0
1.5
LPO2506I-103L_
LPO2506O-103L_
10
0.240
60
1.0
1.5
LPO2506I-153L_
LPO2506O-153L_
15
0.300
45
0.90
1.3
LPO2506I-223L_
LPO2506O-223L_
22
0.420
35
0.70
1.0
LPO2506I-333L_
LPO2506O-333L_
33
0.550
30
0.60
0.90
LPO2506I-473L_
LPO2506O-473L_
47
0.765
22
0.50
0.70
LPO2506I-683L_
LPO2506O-683L_
68
1.10
20
0.40
0.60
LPO2506I-104L_
LPO2506O-104L_
100
1.60
15
0.30
0.50
LPO2506I-154L_
LPO2506O-154L_
150
2.50
12
0.25
0.40
LPO2506I-224L_
LPO2506O-224L_
220
3.65
10
0.22
0.32
LPO2506I-334L_
LPO2506O-334L_
330
4.65
8.0
0.18
0.28
LPO2506I-474L_
LPO2506O-474L_
470
6.75
6.5
0.14
0.24
LPO2506I-684L_
LPO2506O-684L_
680
9.15
5.5
0.12
0.20
LPO2506I-105L_
LPO2506O-105L_
1000
14.20
4.5
0.10
0.16
1. When ordering, please specify packaging code:
LPO2506I-105L
D
Packaging: D =13
″ machine-ready reel. EIA-481 embossed plastic tape (1000 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter D instead.
2. Tested at 100 kHz, 0.1 Vrms, 0 Adc.
3. DC current at which the inductance drops 10% (typ) from its value without current.
4. Average current for a 40°C rise above 25°C ambient.
5. Operating temperature range -40°C to +85°C.
6. Electrical specifications at 25°C.


Similar Part No. - LPO2506I-822L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
LPO2506I-822L COILCRAFT-LPO2506I-822L Datasheet
471Kb / 2P
   SMT Power Inductors
More results

Similar Description - LPO2506I-822L

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com