Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6638U Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1N6638U
Description  SIGNAL OR COMPUTER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1N6638U Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1N6638U Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6638U Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6638U Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6638U Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• 221 WEST INDUSTRY COURT • DEER PARK, NY 11729-4681 • PHONE (631) 586-7600 • FAX (631) 242-9798 •
• World Wide Web - http://www.sensitron.com • E-Mail - sales@sensitron.com •
SENSITRON
TECHNICAL DATA
DATA SHEET 4081, REV. A
Table: Metal pad sizes:
1C6638 thru 1C6643
1C4148
D
0.011”
± 0.001”
0.009”
± 0.001”
Top (anode) metallization:
Al, 25 kA minimum or
Ti/Ni/Ag, 30 kA minimum or
Ti/Ni/Au, 13 kA minimum or
Au, 10 kA minimum
Bottom (cathode) metallization:
Ti/Ni/Ag, 30 kA minimum or
Ti/Ni/Au, 12 kA minimum or
Au, 4 kA minimum
1N6638/U
1N6639/U
1N6640/U
1N6641/U
1N6642/U
1N6643/U


Similar Part No. - 1N6638U

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6638U CDI-DIODE-1N6638U Datasheet
70Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N6638U MICROSEMI-1N6638U Datasheet
52Kb / 2P
   SWITCHING DIODES
logo
Sensitron
1N6638U SENSITRON-1N6638U Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
logo
Compensated Deuices Inc...
1N6638US CDI-DIODE-1N6638US Datasheet
70Kb / 2P
   SWITCHING DIODES
logo
Microsemi Corporation
1N6638US MICROSEMI-1N6638US Datasheet
87Kb / 2P
   COMPUTER SWITCHING DIODE
More results

Similar Description - 1N6638U

ManufacturerPart #DatasheetDescription
logo
Sensitron
1N6638 SENSITRON-1N6638 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
SS6638 SENSITRON-SS6638 Datasheet
35Kb / 2P
   SIGNAL OR COMPUTER DIODE
logo
Microsemi Corporation
1N3064 MICROSEMI-1N3064 Datasheet
44Kb / 1P
   COMPUTER DIODE
1N6638 MICROSEMI-1N6638 Datasheet
87Kb / 2P
   COMPUTER SWITCHING DIODE
1N4149 MICROSEMI-1N4149 Datasheet
32Kb / 1P
   COMPUTER DIODE Switching
1N4149-1 MICROSEMI-1N4149-1 Datasheet
194Kb / 3P
   Computer Switching Diode
Rev. 1
1N6638US MICROSEMI-1N6638US Datasheet
90Kb / 2P
   COMPUTER SWITCHING DIODE
1N643 MICROSEMI-1N643 Datasheet
147Kb / 3P
   COMPUTER DIODE Switching
logo
Axiomtek Co., Ltd.
AX60551 AXIOMTEK-AX60551 Datasheet
146Kb / 1P
   Desktop or wallmount industrial computer chassis
AX60552 AXIOMTEK-AX60552 Datasheet
348Kb / 1P
   Desktop or wallmount industrial computer chassis
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com