Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR25000001503FA200 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VR25000001503FA200
Description  High Ohmic/High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25000001503FA200 Datasheet(HTML) 3 Page - Vishay Siliconix

  VR25000001503FA200 Datasheet HTML 1Page - Vishay Siliconix VR25000001503FA200 Datasheet HTML 2Page - Vishay Siliconix VR25000001503FA200 Datasheet HTML 3Page - Vishay Siliconix VR25000001503FA200 Datasheet HTML 4Page - Vishay Siliconix VR25000001503FA200 Datasheet HTML 5Page - Vishay Siliconix VR25000001503FA200 Datasheet HTML 6Page - Vishay Siliconix VR25000001503FA200 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28732
170
Revision: 06-Dec-05
VR25
Vishay BCcomponents
High Ohmic/High Voltage Resistors
DIMENSIONS
MARKING
The nominal resistance and tolerance are marked on the
resistor using four or five colored bands in accordance with
IEC publication 60062 “Color codes for fixed resistors”.
Yellow and grey are used instead of gold and silver because
metal particles in the lacquer could affect high-voltage
properties.
OUTLINES
The length of the body (L1) is measured by inserting the
leads into holes of two identical gauge plates and moving
these plates parallel to each other until the resistor body is
clamped without deformation (“IEC publication 60294”).
∅ D
L1
L2
∅ d
Outline
DIMENSIONS - resistor type and relevant physical dimensions
TYPE
∅ D
MAX.
L1
MAX.
L2
MAX.
∅ d
VR25
2.5
6.5
7.5
0.58 ± 0.05
MASS PER 100 UNITS
TYPE
MASS
(g)
VR25 52 mm
21.2
VR25 26 mm
14.8
FUNCTIONAL PERFORMANCE
PRODUCT CHARACTERIZATION
Standard values of nominal resistance are taken from the E96/E24/E12 series for resistors with a tolerance of ± 1 %, 5 % or
10 %. The values of the E96/E24/E12 series are in accordance with “IEC publication 60063”.
Note
1. The maximum voltage that may be continuously applied to the resistor element, see “IEC publication 60115-1”.
The maximum permissible hot-spot temperature is 155
°C.
LIMITING VALUES
TYPE
LIMITING VOLTAGE1)
(V)
LIMITING POWER
(W)
DC
RMS
VR25
1600
1150
0.25


Similar Part No. - VR25000001503FA200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000001503FA200 VISHAY-VR25000001503FA200 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results

Similar Description - VR25000001503FA200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37 VISHAY-VR37 Datasheet
112Kb / 6P
   High Ohmic/High Voltage Resistors
Revision: 24-Feb-04
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
logo
YAGEO Corporation
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
YAGEO Corporation
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com