Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VR25000Z01505FA500 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VR25000Z01505FA500
Description  High Ohmic/High Voltage Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VR25000Z01505FA500 Datasheet(HTML) 6 Page - Vishay Siliconix

  VR25000Z01505FA500 Datasheet HTML 1Page - Vishay Siliconix VR25000Z01505FA500 Datasheet HTML 2Page - Vishay Siliconix VR25000Z01505FA500 Datasheet HTML 3Page - Vishay Siliconix VR25000Z01505FA500 Datasheet HTML 4Page - Vishay Siliconix VR25000Z01505FA500 Datasheet HTML 5Page - Vishay Siliconix VR25000Z01505FA500 Datasheet HTML 6Page - Vishay Siliconix VR25000Z01505FA500 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 28732
For technical questions contact: ff3dresistors@vishay.com
www.vishay.com
Revision: 06-Dec-05
173
VR25
High Ohmic/High Voltage Resistors
Vishay BCcomponents
4.23
climatic sequence:
4.23.2
2 (Ba)
dry heat
16 hours; 155
°C
4.23.3
30 (Db)
damp heat (accelerated) 1st
cycle
24 hours; 55
°C; 90 to 100 % RH
4.23.4
1 (Aa)
cold
2 hours; - 55
°C
4.23.5
13 (M)
low air pressure
2 hours; 8.5 kPa; 15 to 35
°C
4.23.6
30 (Db)
damp heat (accelerated)
remaining cycles
5 days; 55
°C; 95 to 100 % RH
Rins min.: 103 MΩ
∆R/R max.: ± 1.5 % + 0.1 Ω
4.24.2
3 (Ca)
damp heat
(steady state)
56 days; 40
°C; 90 to 95 % RH;
dissipation 0.01 Pn;
limiting voltage 100 V (DC)
∆R/R max.: ± 1.5 % + 0.1 Ω
4.25.1
endurance
1000 hours at 70
°C; P
n or Vmax
∆R/R max.: ± 1.5 % + 0.1 Ω
4.8.4
temperature coefficient
between - 55
°C and + 155 °C
(TC
× 10-6/K)
≤ ± 200
4.7
voltage proof on insulation
700 V (RMS) during 1 minute; V-block
method
no breakdown
4.12
noise
“IEC publication 60195”
max. 5 µV/V
4.6.1.1
insulation resistance
500 V (DC) during 1 minute; V-block
method
Rins min.: 104 MΩ
4.13
short time overload
room temperature;
dissipation 6.25
× P
n (voltage not more
than 2
× limiting voltage); 10 cycles;
5 s on and 45 s off
∆R/R max.: ± 2.0 % + 0.05 Ω
4.26
active flammability
“Cheese-cloth test”
steps of: 5/10/16/25/40
× P
n (RMS)
duration 5 minutes
no flaming of gauze cylinder
OTHER TEST IN ACCORDANCE WITH IEC 60695
2.2
passive flammability
“Needle-flame test”
application of test flame for 20 s
no ignition of product;
no ignition of under-layer;
burning time less than 30 s
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS


Similar Part No. - VR25000Z01505FA500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR25000Z01503FA100 VISHAY-VR25000Z01503FA100 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FA200 VISHAY-VR25000Z01503FA200 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FA500 VISHAY-VR25000Z01503FA500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FN400 VISHAY-VR25000Z01503FN400 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25000Z01503FR500 VISHAY-VR25000Z01503FR500 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results

Similar Description - VR25000Z01505FA500

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VR37 VISHAY-VR37 Datasheet
112Kb / 6P
   High Ohmic/High Voltage Resistors
Revision: 24-Feb-04
logo
YAGEO Corporation
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR37000001504FA100 VISHAY-VR37000001504FA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR37000002203JA100 VISHAY-VR37000002203JA100 Datasheet
111Kb / 6P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR68 VISHAY-VR68 Datasheet
184Kb / 10P
   High Ohmic / High Voltage Metal Glaze Leaded Resistors
01-Jan-2022
logo
YAGEO Corporation
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
   High Ohmic/High Voltage Metal Film Leaded Resistors
Revision: 02-Dec-09
logo
YAGEO Corporation
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
logo
Vishay Siliconix
VR25000002204JA100 VISHAY-VR25000002204JA100 Datasheet
115Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
VR25 VISHAY-VR25_13 Datasheet
110Kb / 7P
   High Ohmic/High Voltage Metal Glaze Leaded Resistors
Revision: 17-Aug-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com