Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A4684GAE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5A4684GAE
Description  Chip Scale Packaging, Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4684GAE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI5A4684GAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4684GAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4684GAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4684GAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4684GAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4684GAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4684GAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4684GAE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS8792B
05/09/06
PI5A4684
Chip Scale Packaging,
Dual SPDT Analog Switch
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
Ordering Information
Ordering Code
Packaging Code
Package Type
PI5A4684GAE
GA
Pb-free & Green, 10-ball CSP
Notes:
• Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
• E = Pb-free and Green
• Adding an X suffix = Tape & Reel
DESCRIPTION: 10-contact CSP (Chip Scale Packaging) without backside coating
PACKAGE CODE: GA (GA10)
DOCUMENT CONTROL #: PD-2048
REVISION: - -
�������
������������������������������������
DATE: 11/01/05
����������
������
��������
���������
�����������
���������
����������
��������������
06-0062


Similar Part No. - PI5A4684GAE

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4624 PERICOM-PI5A4624 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TEX PERICOM-PI5A4624TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TX PERICOM-PI5A4624TX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625 PERICOM-PI5A4625 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625TEX PERICOM-PI5A4625TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4684GAE

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1552 LRC-LR1552 Datasheet
239Kb / 7P
   Dual SPDT Analog Switch with Chip Scale Packaging
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
List of Unclassifed Man...
SGM4684 ETC1-SGM4684 Datasheet
466Kb / 9P
   Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com