Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5A4684 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5A4684
Description  Chip Scale Packaging, Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A4684 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5A4684 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A4684 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A4684 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A4684 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A4684 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A4684 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A4684 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A4684 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PS8792B
05/09/06
PI5A4684
Chip Scale Packaging,
Dual SPDT Analog Switch
Recommended Operating Conditions(3)
Supply Voltage Operating (VCC) . . . . . . . . . . . . 1.65V to 5.5V
Control Input Voltage (VIN) . . . . . . . . . . . . . . . . . . . 0V to VCC
Switch Input Voltage (VIN). . . . . . . . . . . . . . . . . . . . 0V to VCC
Output Voltage (VOUT) . . . . . . . . . . . . . . . . . . . . . . . 0V to VCC
Operating Temperature (TA) . . . . . . . . . . . . . . . –40°C to +85°C
Input Rise and Fall Time (tr,tf)
Control Input VCC = 2.3V - 3.6V. . . . . . . . . 0ns/V to 10ns/V
Control Input VCC = 4.5V - 5.5V. . . . . . . . . . 0ns/V to 5ns/V
Thermal Resistance (θJA) . . . . . . . . . . . . . . . . . . . . . . 350°C/W
Lead Temperature (soldering 10s) . . . . . . . . . . . . . . . . . +300°C
Bump Temperature (soldering notes)
Infared (15s). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +220°C
Vapor Phase (60ns) . . . . . . . . . . . . . . . . . . . . . . . . . . +215°C
Absolute Maximum Ratings(1)
Supply Voltage VCC ............................................ –0.5V to +7V
DC Switch Voltage (VS)(2) ........................–0.5V to VCC +0.5V
DC Input Voltage (VIN)(2) ................................ –0.5V to +7.0V
Continuous Current NO_NC_COM_ .............................. ±500mA
Peak Current NO_NC_COM_
(pulsed at 1ms 50% duty cycle) ............................... ±650mA
Peak Current NO_NC_COM_
(pulsed at 1ms 10% duty cycle) ............................... ±800mA
Storage Temperature Range (TSTG) .............. –65°C to +150°C
Junction Temperature under Bias (TJ) .............................150°C
Junction Lead Temperature (TL)
(Soldering, 10 seconds) ................................................260°C
Power Dissipation (PD) @ +85°C .................................. 250mW
Notes:
1.
"Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any
other conditions beyond those indicated in the operational sections of this specification is not implied.
2.
The input and output negative voltage ratings may be exceeded if the inut and output diode current ratings are observed.
3.
Control input must be held HIGH or LOW; it must not float.
06-0062


Similar Part No. - PI5A4684

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4624 PERICOM-PI5A4624 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TEX PERICOM-PI5A4624TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4624TX PERICOM-PI5A4624TX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625 PERICOM-PI5A4625 Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
PI5A4625TEX PERICOM-PI5A4625TEX Datasheet
220Kb / 9P
   SOTINY??1-Ohm, Low-Voltage Single-Supply SPDT Switch
More results

Similar Description - PI5A4684

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1552 LRC-LR1552 Datasheet
239Kb / 7P
   Dual SPDT Analog Switch with Chip Scale Packaging
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
   Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
List of Unclassifed Man...
SGM4684 ETC1-SGM4684 Datasheet
466Kb / 9P
   Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717_15 Datasheet
365Kb / 12P
   Dual, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com