Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPM32-CA Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # SPM32-CA
Description  SPMTM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SPM32-CA Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button SPM32-CA Datasheet HTML 5Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 6Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 7Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 8Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 9Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 10Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 11Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 12Page - Fairchild Semiconductor SPM32-CA Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
©2006 Fairchild Semiconductor Corporation
April 3, 2006
Fig. 5. R-T Curve of The Built-in Thermistor
Fig. 6. RSC Variation by change of Shunt Resistors ( RSU, RSV, RSW) for Short-Circuit Protection
@ Current Trip Level ≒ 50A,
@ Current Trip Level ≒ 75A
20
30
40
50
60
70
80
90
100
110
120
130
0
10
20
30
40
50
60
70
R-T Cu rve
T e m p erature T
TH [℃ ]
20
30
40
50
60
70
80
90
100
110
120
130
0
10
20
30
40
50
60
70
R-T Cu rve
T e m p erature T
TH [℃ ]
0 .00 0
0 .0 05
0.01 0
0 .0 1 5
0 .0 2 0
0 .0 25
0.03 0
0
20
40
60
80
R
su,R sv,R sw [Ω
]


Similar Part No. - SPM32-CA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3202 SANYO-SPM3202 Datasheet
17Kb / 3P
   SPDT Switch
SPM3204 SANYO-SPM3204 Datasheet
24Kb / 3P
   RF Switch MMIC
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
SPM3211 SANYO-SPM3211 Datasheet
48Kb / 5P
   SPM3211
SPM3212 SANYO-SPM3212 Datasheet
48Kb / 5P
   SPM3212
More results

Similar Description - SPM32-CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAM15SL60 FAIRCHILD-FSAM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SL60 FAIRCHILD-FSBM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM20SL60 FAIRCHILD-FSBM20SL60 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SM60A FAIRCHILD-FSAM20SM60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM30SH60A FAIRCHILD-FSAM30SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A Datasheet
975Kb / 17P
   SPMTM (Smart Power Module)
FSAM75SM60A FAIRCHILD-FSAM75SM60A Datasheet
385Kb / 16P
   SPMTM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com