Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS75LV Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS75LV
Description  Digital Thermometer and Thermostat
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75LV Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS75LV Datasheet HTML 3Page - Maxim Integrated Products DS75LV Datasheet HTML 4Page - Maxim Integrated Products DS75LV Datasheet HTML 5Page - Maxim Integrated Products DS75LV Datasheet HTML 6Page - Maxim Integrated Products DS75LV Datasheet HTML 7Page - Maxim Integrated Products DS75LV Datasheet HTML 8Page - Maxim Integrated Products DS75LV Datasheet HTML 9Page - Maxim Integrated Products DS75LV Datasheet HTML 10Page - Maxim Integrated Products DS75LV Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS75LV: Digital Thermometer and Thermostat
7 of 13
Figure 4. O.S. OUTPUT Operation Example
CONFIGURATION REGISTER
The configuration register allows the user to program various DS75LV options such as conversion resolution,
thermostat fault tolerance, thermostat polarity, thermostat operating mode, and shutdown mode. The configuration
register is arranged as shown in Figure 5 and detailed descriptions of each bit are provided in Table 4. The user
has read/write access to all bits in the configuration register except the MSb, which is a reserved read-only bit. The
entire register is volatile, and thus powers–up in its default state.
Figure 5. Configuration Register
MSb
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
LSb
0
R1
R0
F1
F0
POL
TM
SD
In this example the DS75LV
is configured to have a fault
tolerance of 2.
O.S. Output - Comparator Mode
Conversions
Inactive
Active
Temperature
TOS
THYST
Inactive
Active
O.S. Output - Interrupt Mode
Assumes a read
has occurred


Similar Part No. - DS75LV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS75LVS++ MAXIM-DS75LVS+ Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS75LVS+T&R MAXIM-DS75LVS+T&R Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS75LVU++ MAXIM-DS75LVU+ Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS75LVU+T&R MAXIM-DS75LVU+T&R Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
More results

Similar Description - DS75LV

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com