Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN911H Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN911H
Description  Silicon PNP epitaxial planer transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN911H Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN911H Datasheet HTML 1Page - Panasonic Semiconductor UN911H Datasheet HTML 2Page - Panasonic Semiconductor UN911H Datasheet HTML 3Page - Panasonic Semiconductor UN911H Datasheet HTML 4Page - Panasonic Semiconductor UN911H Datasheet HTML 5Page - Panasonic Semiconductor UN911H Datasheet HTML 6Page - Panasonic Semiconductor UN911H Datasheet HTML 7Page - Panasonic Semiconductor UN911H Datasheet HTML 8Page - Panasonic Semiconductor UN911H Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Transistors with built-in Resistor
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = –50V, IE = 0
– 0.1
µA
ICEO
VCE = –50V, IB = 0
– 0.5
µA
UN9111
– 0.5
UN9112/9114/911E/911D
– 0.2
UN9113/UNR911AJ
– 0.1
UN9115/9116/9117/9110/UNR911BJ
IEBO
VEB = –6V, IC = 0
– 0.01
mA
UN911F/911H
–1.0
UN9119
–1.5
UN9118/911L/911CJ
–2.0
Collector to base voltage
VCBO
IC = –10µA, IE = 0
–50
V
Collector to emitter voltage
VCEO
IC = –2mA, IB = 0
–50
V
UN9111
35
UN9112/911E
60
UN9113/9114/UNR911AJ/911CJ
hFE
VCE = –10V, IC = –5mA
80
UN9115*/9116*/9117*/9110*UNR911BJ
160
460
UN911F/911D/9119/911H
30
UN9118/911L
20
Collector to emitter saturation voltage
VCE(sat)
IC = –10mA, IB = – 0.3mA
– 0.25
V
Output voltage high level
VOH
VCC = –5V, VB = – 0.5V, RL = 1kΩ
–4.9
V
Output voltage low level
VCC = –5V, VB = –2.5V, RL = 1kΩ
– 0.2
UN9113/UNR911BJ
VCC = –5V, VB = –3.5V, RL = 1kΩ
– 0.2
UN911D
VOL
VCC = –5V, VB = –10V, RL = 1kΩ
– 0.2
V
UN911E
VCC = –5V, VB = –6V, RL = 1kΩ
– 0.2
UNR911AJ
VCC = –5V, VB = –5.0V, RL = 1kΩ
– 0.2
Transition frequency
150
UNR911AJ
fT
VCB = –10V, IE = 2mA, f = 200MHz
80
MHz
UN9111/9114/9115
10
UN9112/9117
22
UN9113/9110/911D/911E
47
UN9116/911F/911L
R1
(–30%)
4.7
(+30%)
k
UN9118
0.51
UN9119
1
UN911H
2.2
UNR911AJ/911BJ
100
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance
UN9111/9112/9113/9114/9115/9116/9117/9118/9119/9110/
911D/911E/911F/911H/911L/UNR911AJ/911BJ/911CJ
* hFE rank classification (UN9115/9116/9117/9110)
Rank
Q
R
S
hFE
160 to 260
210 to 340
290 to 460


Similar Part No. - UN911H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN9210 PANASONIC-UN9210 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
UN9210J PANASONIC-UN9210J Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
UN9210J PANASONIC-UN9210J Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
UN9211J PANASONIC-UN9211J Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
More results

Similar Description - UN911H

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com