Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXO45-3I Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MXO45-3I
Description  Metal DIP Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXO45-3I Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MXO45-3I Datasheet HTML 1Page - List of Unclassifed Manufacturers MXO45-3I Datasheet HTML 2Page - List of Unclassifed Manufacturers MXO45-3I Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 ♦ ♦ ♦
Document No. 008-0258-0
Page 2 of 3
Rev. A ECO# 16710
ORDERING INFORMATION
MXO
M
Package Type
45 = 14 Pin DIP/STD Output
45T = 14 Pin DIP/Tristate Output
45HS = 8 Pin DIP/STD Output
45HST = 8 Pin DIP/Tristate Output
Frequency in MHz
M – Indicates decimal point.
Frequency shall be recorded with 4
significant digits minimum to the right of
the “M”.
Frequency Stability
6 = ±20 ppm
5 = ±25 ppm
3 = ±50 ppm
2 = ±100 ppm
Operating Temperature Range
C = -20
°C to +70°C
I = -40
°C to +85°C
Example P/N: MXO45 – 3C – 32M7680 or MXO45HS – 3C – 32M7680
MECHANICAL SPECIFICATIONS
DIP 14
Marking Notes:
1. Frequency marked with 4 significant digits after the “M”
2. CTS XX – stability/temp. code.
3. ** – Manufacturing site code
PIN CONNECTIONS
MXO45/MXO45HS
Metal DIP
Clock Oscillator
TYP.
5.080
.200
.250 ± .020
MAX
6.350 ± .508
.432/.508
.017/.020
.810
20.574
MAX
.028 ± .013
.711 ± .330
1.524
.060
7.620 ± .127
.300 ± .005
KEY:
INCH
ARE NOT MARKED
ONLY. THE NUMBERS
FOR REFERENCE
14
8
TYP.
.600 ± .005
.060
15.240 ± .127
1.524
MM
DENOTES PIN 1
1
ON BOTTOM.
7
12.954
.510
MAX
Pin
Symbol
Function
1
EOH
Output Enable or NC
7
GND
Circuit and Package Ground
8
Output
RF Output
14
VCC
Supply Voltage
MXO45
32M7680
CTS 3C
• YYWW
**
Enable Truth Table
Pin 1
Pin 8
“1”
Output
“0”
High Imp.
Open
Output


Similar Part No. - MXO45-3I

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45-3I CTS-MXO45-3I Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
More results

Similar Description - MXO45-3I

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45 CTS-MXO45 Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
MXO45LV CTS-MXO45LV Datasheet
107Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
ECS-2100X ECS-ECS-2100X Datasheet
182Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com