Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0805Q102DFCAT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VJ0805Q102DFCAT
Description  Multilayer Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0805Q102DFCAT Datasheet(HTML) 3 Page - Vishay Siliconix

  VJ0805Q102DFCAT Datasheet HTML 1Page - Vishay Siliconix VJ0805Q102DFCAT Datasheet HTML 2Page - Vishay Siliconix VJ0805Q102DFCAT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.vishay.com
33
VJ High Q Dielectric
Vishay Vitramon
Document Number 45050
Revision 06-Apr-01
HIGH Q - DIELECTRIC TYPICAL PARAMETERS
1
0.1
0.01
100
1000
180pF
680pF
-75 -50 -25
0 25 50 75 100 125
10000
1000
100
10
1
100
1000
10
1
0.1
1
10
100
1000
2.0
1.5
1.0
0.5
0.0
- 0.5
- 1.0
- 1.5
- 2.0
HIGH Q
1210
0805
TEMPERATURE COEFFICIENT OF CAPACITANCE
TEMPERATURE
°C
CAPACITANCE (pF)
SERIES RESONANT FREQUENCY - HIGH Q
0603
1206
100pF
10pF
1000
100
10
100
1000
680pF
180pF
100
1000
10000
1000
100
10
1
10pF
100pF
1
0.1
0.01
100
1000
ESR vs FREQUENCY - VJ0805, 50V
10pF
100pF
1
0.1
0.01
100
1000
10pF
100pF
ESR vs FREQUENCY - VJ1206, 50V
FREQUENCY (MHz)
FREQUENCY (MHz)
ESR vs FREQUENCY - VJ1210, 50V
Q vs FREQUENCY - VJ0805, 50V
FREQUENCY (MHz)
Q vs FREQUENCY - VJ1206, 50V
FREQUENCY (MHz)
Q vs FREQUENCY - VJ1210, 50V
FREQUENCY (MHz)
FREQUENCY (MHz)


Similar Part No. - VJ0805Q102DFCAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0805Q101BXAA0603 VISHAY-VJ0805Q101BXAA0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0805Q101BXAA0805 VISHAY-VJ0805Q101BXAA0805 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0805Q101BXAAC VISHAY-VJ0805Q101BXAAC Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0805Q101BXAAP VISHAY-VJ0805Q101BXAAP Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0805Q101BXAAPU VISHAY-VJ0805Q101BXAAPU Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
More results

Similar Description - VJ0805Q102DFCAT

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com