Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89832UMITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY89832UMITR
Description  2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89832UMITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY89832UMITR Datasheet HTML 2Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 3Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 4Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 5Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 6Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 7Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 8Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 9Page - Micrel Semiconductor SY89832UMITR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Precision Edge®
SY89832U
Micrel, Inc.
M9999-092005
hbwhelp@micrel.com or (408) 955-1690
September 2005
INPUT STAGE
1.86k½
GND
VCC
/IN
1.86k½
509
1.86k½
1.86k½
IN
VT
509
Figure 1. Simplified Differential Input Buffer
LVDS OUTPUTS
LVDS specifies a small swing of 325mV typical, on a
nominal 1.2V common mode above ground. The common
100
GND
vOUT
vOH, vOL
vOH, vOL
Figure 2a. LVDS Differential Measurement
50
GND
vOCM,
∆v
OCM
50
Figure 2b. LVDS Common Mode Measurement
mode voltage has tight limits to permit large variations in
ground noise between an LVDS driver and receive
VIN, VOUT
325mV
(typical)
Figure 2c. Single-Ended Swing
650mV (typical)
VDIFF_IN , V DIFF_OUT
Figure 2d. Differential Swing
SINGLE-ENDED AND DIFFERENTIAL SWINGS


Similar Part No. - SY89832UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832UMITR MICREL-SY89832UMITR Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
More results

Similar Description - SY89832UMITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89832U MICREL-SY89832U_14 Datasheet
866Kb / 13P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89832U MICREL-SY89832U_07 Datasheet
118Kb / 10P
   2.5V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
logo
Microchip Technology
SY89832U MICROCHIP-SY89832U Datasheet
1Mb / 22P
   2.5V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
Revision A (March 2022)
logo
Micrel Semiconductor
SY89833L MICREL-SY89833L_14 Datasheet
652Kb / 13P
   3.3V Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89833L MICREL-SY89833L_07 Datasheet
123Kb / 10P
   3.3V ULTRA-PRECISION 1:4 LVDS FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89833AL MICREL-SY89833AL Datasheet
419Kb / 12P
   3.3V Low Noise Ultra-Precision 1:4 LVDS Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com