Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXO45-5C Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MXO45-5C
Description  Metal DIP Clock Oscillator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MXO45-5C Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MXO45-5C Datasheet HTML 1Page - List of Unclassifed Manufacturers MXO45-5C Datasheet HTML 2Page - List of Unclassifed Manufacturers MXO45-5C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 ♦ ♦ ♦
Document No. 008-0258-0
Page 3 of 3
Rev. A ECO# 16710
DIP 8
Marking Notes:
1. Frequency marked with 4 significant digits after the “M”
2. CTS XX – stability/temp. code.
3. ** – Manufacturing site code
PIN CONNECTIONS
ENVIRONMENTAL SPECIFICATIONS
§
Storage Temperature:
-55°C to +125°C
§
Temperature Cycle:
400 cycles, -55°C to +125°C, 10 min dwell, 1 min transfer
§
Mechanical Shock:
1,500g’s, 0.5mS, ½ sinewave, 3 shocks each direction, in 3 planes
§
Sinusoidal Vibration:
0.06” D.A., 10 to 55 Hz and 20g’s, 55 to 2,000 Hz,
3 cycles per plane
§
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent
liquid at 125°C for 20 seconds
§
Fine Leak:
Mass spectrometer leak rates less than 2x10
-8 cc/sec air equivalent
§
High Temperature Operating Bias:
2,000 hours at 125°C, disregarding frequency shift
§
Frequency Aging:
< 5 ppm shift in 1,000 hours at 85°C
§
Solderability:
90% coverage using: (no pre-conditioning required)
A)
R Flux
B)
Solder bath temperature of 245°C ± 5°C
C)
Solder composition 63% Sn/ 37% Pb
QUALITY AND RELIABILITY
Quality Systems meet or exceed the requirements of ISO 9000: 2000 standards.
Reliability Audits are performed on this or similar products with results available upon request.
Enable Truth Table
Pin 1
Pin 5
“1”
Output
“0”
High Imp.
Open
Output
MXO45/MXO45HS
Metal DIP
Clock Oscillator
12.954
.510
MAX
.200
5.080
.250 ± .020
6.350 ± .508
.432/.508
.017/.020
.026/.040
.660/1.016
MAX
.510
12.954
8
PIN 1
1
DENOTES
7.620 ± .127
INCH
KEY:
MM
ALLOWED
STANDOFFS
.300 ± .005
MAX
NOTE:
3 OR 4
7.620 ± .127
5
2.540
.100
.300 ± .005
ONLY. THE NUMBERS
ARE NOT MARKED
FOR REFERENCE
ON BOTTOM.
4
Pin
Symbol
Function
1
EOH
Output Enable or NC
4
GND
Circuit and Package Ground
5
Output
RF Output
8
VCC
Supply Voltage
MXO45HS
32M7680
CTS
3C
• YYWW **


Similar Part No. - MXO45-5C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45-5C CTS-MXO45-5C Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
More results

Similar Description - MXO45-5C

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45 CTS-MXO45 Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
MXO45LV CTS-MXO45LV Datasheet
107Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
ECS-2100X ECS-ECS-2100X Datasheet
182Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com