Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ0603Q102DXCAT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VJ0603Q102DXCAT
Description  Multilayer Ceramic Chip Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VJ0603Q102DXCAT Datasheet(HTML) 1 Page - Vishay Siliconix

  VJ0603Q102DXCAT Datasheet HTML 1Page - Vishay Siliconix VJ0603Q102DXCAT Datasheet HTML 2Page - Vishay Siliconix VJ0603Q102DXCAT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
31
VJ High Q Dielectric
Vishay Vitramon
Document Number 45050
Revision 06-Apr-01
FEATURES
• COG is an ultra-stable dielectric offering a Temperature
Coefficient of Capacitance (TCC) of 0
± 30PPM/°C over
the entire temperature range.
• Low Dissipation Factor (DF).
• Ideal for critical timing and tuning applications.
Multilayer Ceramic Chip Capacitors
GENERAL SPECIFICATIONS
NOTE: Electrical characteristics @ + 25
°C unless otherwise
specified.
Capacitance Range: 1.0pF to 680pF.
Temperature Coefficient of Capacitance (TCC):
0
± 30PPM/°C from - 55°C to + 125°C.
Dissipation Factor (DF):
0.1% maximum @ 1.0 Vrms and 1kHz for values > 1000pF.
0.1% maximum @ 1.0 Vrms at 1MHz for values
≤ 1000pF.
Insulation Resistance (IR):
@ + 25
°C and rated voltage 100,000 Megohms minimum
or 1000 ohm-farads, whichever is less.
@ + 125
°C and rated voltage 10,000 Megohms minimum
or 100 ohm-farads, whichever is less.
Dielectric Withstanding Voltage (DWV):
250% of rated voltage for 5
± 1 seconds, 50 milliamps
current maximum.
ORDERING INFORMATION
T
PACKAGING
T = 7" Reel, plastic tape
C = 7" Reel, paper tape
R = 11 1/4" Reel, plastic tape
P = 11 1/4" Reel, paper tape
B = Bulk
NOTE: 0402 and 0603
available in paper tape only
VJ
PRODUCT
SERIES
VJ = MLCC
0805
CASE
SIZE
0603
0805
1206
1210
Q
DIELECTRIC
Q = High Q
Expressed in picofarads (pF).
The first two digits are
significant, the third is a
multiplier. An “R” indicates a
decimal point.
Examples: 102 = 1000pF.
1R8 = 1.8pF.
102
CAPACITANCE
NOMINAL CODE
K
CAPACITANCE
TOLERANCE
C=
± 0.25pF (1 to 25pF)
D=
± 0.5pF (1 to 50pF)
F=
± 1% (≥ 10pF)
G=
± 2% (≥ 5pF)
J=
± 5% (≥ 2pF)
K=
± 10% (≥ 1pF)
X
TERMINATION
X = Nickel barrier
with 100% tin
plated finish
F = Palladium silver
A
DC
VOLTAGE
RATING
A = 50V
B = 100V
C = 200V
A
MARKING
A = Unmarked


Similar Part No. - VJ0603Q102DXCAT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ0603Q101BXAA0603 VISHAY-VJ0603Q101BXAA0603 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0603Q101BXAA0805 VISHAY-VJ0603Q101BXAA0805 Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0603Q101BXAAC VISHAY-VJ0603Q101BXAAC Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0603Q101BXAAP VISHAY-VJ0603Q101BXAAP Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
VJ0603Q101BXAAPU VISHAY-VJ0603Q101BXAAPU Datasheet
308Kb / 4P
   Surface Mount Multilayer Ceramic Chip Capacitors for High Frequency Applications
Revision 20-Feb-08
More results

Similar Description - VJ0603Q102DXCAT

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com