Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20W-1C32D1 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 20W-1C32D1
Description  MINIATURE REED RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

20W-1C32D1 Datasheet(HTML) 1 Page - DB Lectro Inc

  20W-1C32D1 Datasheet HTML 1Page - DB Lectro Inc 20W-1C32D1 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - 20W-1C32D1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
20W-1C32E0 DBLECTRO-20W-1C32E0 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20W-1C32E1 DBLECTRO-20W-1C32E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
More results

Similar Description - 20W-1C32D1

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
20D-1A15N15 DBLECTRO-20D-1A15N15 Datasheet
1,004Kb / 2P
   INPENDANCE MINIATURE REED RELAYS
logo
Coto Technology
9094 COTO-9094 Datasheet
543Kb / 2P
   9094 HIGH POWER MINIATURE SIP REED RELAYS
logo
Meder Electronic
LP12-1A66-80V MEDER-LP12-1A66-80V Datasheet
471Kb / 3P
   Miniature Reed Relays for High Frequency Switching
logo
Coto Technology
2904-05-101 COTO-2904-05-101 Datasheet
255Kb / 2P
   Reed Relays
2204-05-301 COTO-2204-05-301 Datasheet
291Kb / 2P
   Reed Relays
logo
Meder Electronic
1624185000 MEDER-1624185000 Datasheet
158Kb / 3P
   Reed Relays
1605185000 MEDER-1605185000 Datasheet
150Kb / 3P
   Reed Relays
1612185000 MEDER-1612185000 Datasheet
166Kb / 3P
   Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com