Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN9218 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # UN9218
Description  Silicon NPN epitaxial planer transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN9218 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button UN9218 Datasheet HTML 4Page - Panasonic Semiconductor UN9218 Datasheet HTML 5Page - Panasonic Semiconductor UN9218 Datasheet HTML 6Page - Panasonic Semiconductor UN9218 Datasheet HTML 7Page - Panasonic Semiconductor UN9218 Datasheet HTML 8Page - Panasonic Semiconductor UN9218 Datasheet HTML 9Page - Panasonic Semiconductor UN9218 Datasheet HTML 10Page - Panasonic Semiconductor UN9218 Datasheet HTML 11Page - Panasonic Semiconductor UN9218 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
Transistors with built-in Resistor
Cob — VCB
IO — VIN
VIN — IO
Characteristics charts of UN9217
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
IO — VIN
VIN — IO
0
0.1
0.3
6
5
4
3
2
1
1
3
10
30
100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
1
3
0.4
10
30
100
300
1000
3000
10000
1.4
1.2
1.0
0.8
0.6
Input voltage VIN (V)
VO=5V
Ta=25˚C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Output current IO (mA)
VO=0.2V
Ta=25˚C
012
210
48
6
0
120
100
80
60
40
20
Collector to emitter voltage VCE (V)
Ta=25˚C
IB=1.0mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
0.9mA
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
13
100
200
300
400
350
250
150
50
10
30
100
300
1000
Collector current IC (mA)
VCE=10V
Ta=75˚C
25˚C
– 25˚C
0
0.1
0.3
6
5
4
3
2
1
1
3
10
30
100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
1
3
0.4
10
30
100
300
1000
3000
10000
1.4
1.2
1.0
0.8
0.6
Input voltage VIN (V)
VO=5V
Ta=25˚C
0.01
0.03
0.1
0.3
0.1
0.3
1
3
10
30
100
1
3
10
30
100
Output current IO (mA)
VO=0.2V
Ta=25˚C
UN9211/9212/9213/9214/9215/9216/9217/9218/9219/9210/921D/
921E/921F/921K/921L/UNR921M/921N/921AJ/921BJ/921CJ


Similar Part No. - UN9218

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN9218J PANASONIC-UN9218J Datasheet
400Kb / 19P
   Silicon NPN epitaxial planar type
UN9218J PANASONIC-UN9218J Datasheet
315Kb / 18P
   Silicon NPN epitaxial planer type
More results

Similar Description - UN9218

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com