Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VIO75-12P1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # VIO75-12P1
Description  IGBT Modules in ECO-PAC 2 Short Circuit SOA Capability Square RBSOA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VIO75-12P1 Datasheet(HTML) 1 Page - IXYS Corporation

  VIO75-12P1 Datasheet HTML 1Page - IXYS Corporation VIO75-12P1 Datasheet HTML 2Page - IXYS Corporation VIO75-12P1 Datasheet HTML 3Page - IXYS Corporation VIO75-12P1 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2003 IXYS All rights reserved
1 - 4
IXYS reserves the right to change limits, test conditions and dimensions.
VDI 75-12P1 VII 75-12P1
VID 75-12P1 VIO 75-12P1
B3
I
C25
= 92 A
V
CES
= 1200 V
V
CE(sat) typ. = 2.7 V
IGBTs
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
± 20
V
I
C25
T
C =
25°C
92
A
I
C80
T
C =
80°C
62
A
I
CM
V
GE = ±15 V; RG = 22 Ω; TVJ = 125°C
100
A
V
CEK
RBSOA, Clamped inductive load; L = 100 µH
V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 22 Ω; TVJ = 125°C
10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
379
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 75 A; VGE = 15 V; TVJ =
25°C
2.7
3.2
V
T
VJ = 125°C
3.0
V
V
GE(th)
I
C = 2 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES;VGE = 0 V;
T
VJ =
25°C
3.7
mA
T
VJ = 125°C
12.5
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
100
ns
t
r
70
ns
t
d(off)
500
ns
t
f
70
ns
E
on
9.1
mJ
E
off
6.7
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f = 1 MHz
3.3
nF
R
thJC
(per IGBT)
0.33 K/W
R
thJH
with heatsink compound (0.42 K/m.K; 50 µm)
0.66
K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 60 A
V
GE = 15/0 V; RG = 22 Ω
IGBT Modules in ECO-PAC 2
Short Circuit SOA Capability
Square RBSOA
Preliminary data sheet
Pin arangement see outlines
VII
L9
E2
K10
X16
X13
X15
NTC
VIO
A
VDI
X15
X16
NTC
L9
T16
VID
L9
F1
X15
X16
NTC
Features
• NPT IGBT's
- positive temperature coefficient of
saturation voltage
- fast switching
• FRED diodes
- fast reverse recovery
- low forward voltage
• Industry Standard Package
- solderable pins for PCB mounting
- isolated DCB ceramic base plate
Advantages
• space and weight savings
• reduced protection circuits
• leads with expansion bend for stress relief
Typical Applications
• AC and DC motor control
• AC servo and robot drives
• power supplies
• welding inverters
S


Similar Part No. - VIO75-12P1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VIO75-06P1 IXYS-VIO75-06P1 Datasheet
356Kb / 4P
   IGBT Modules
More results

Similar Description - VIO75-12P1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MII150-12A4 IXYS-MII150-12A4 Datasheet
120Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
MII145-12A3 IXYS-MII145-12A3 Datasheet
109Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MII200-12A4 IXYS-MII200-12A4 Datasheet
115Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MID75-12A3 IXYS-MID75-12A3 Datasheet
108Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MID550-12A4 IXYS-MID550-12A4 Datasheet
114Kb / 4P
   IGBT Modules Short Circuit SOA Capability Square RBSOA
VKI50-06P1 IXYS-VKI50-06P1 Datasheet
111Kb / 4P
   IGBT Modules - Short Circuit SOA Capability Square RBSOA
MWI50-12E7 IXYS-MWI50-12E7 Datasheet
130Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MWI60-12T6K IXYS-MWI60-12T6K Datasheet
175Kb / 4P
   Short Circuit SOA Capability Square RBSOA
VII25-12P1 IXYS-VII25-12P1 Datasheet
478Kb / 4P
   Short Circuit SOA Capability Square RBSOA
MKI100-12F8 IXYS-MKI100-12F8 Datasheet
92Kb / 2P
   Short Circuit SOA Capability Square RBSOA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com