Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNA-286 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SNA-286
Description  DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SNA-286 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SNA-286 Datasheet HTML 1Page - List of Unclassifed Manufacturers SNA-286 Datasheet HTML 2Page - List of Unclassifed Manufacturers SNA-286 Datasheet HTML 3Page - List of Unclassifed Manufacturers SNA-286 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Product Description
EDS-102431 Rev A
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
The information provided herein is believed to be reliable at press time. Sirenza Microdevices assumes no responsibility for inaccuracies or omissions. Sirenza Microdevices assumes no responsibility for the use of
this information, and all such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are
implied or granted to any third party. Sirenza Microdevices does not authorize or warrant any Sirenza Microdevices product for use in life-support devices and/or systems. Copyright 2001 Sirenza Microdevices, Inc..
All worldwide rights reserved.
Sirenza Microdevices SNA-286 is a GaAs monolithic broad-
band amplifier (MMIC) housed in a low-cost surface-mount-
able plastic package. At 1950 MHz, this amplifier provides
15.5dB of gain and +14dBm of P1dB power when biased at
50mA.
The use of an external resistor allows for bias flexibility and
stability. These unconditionally stable amplifiers are designed
for use as general purpose 50 ohm gain blocks.
Also available in chip form (SNA-200), its small size (0.33mm
x 0.33mm) and gold metallization make it an ideal choice for
use in hybrid circuits.
SNA-286
DC-6.0 GHz, Cascadable
GaAs MMIC Amplifier
Product Features
• Patented, Reliable GaAsHBT Technology
• Cascadable 50 Ohm Gain Block
• 15dB Gain, +14dBm P1dB
• 1.5:1 Input and Output VSWR
• Operates From Single Supply
• Low Cost Surface Mount Plastic Package
Applications
• PA Driver Amplifier
• Cellular, PCS, GSM, UMTS
• IF Amplifier
• Wireless Data, Satellite
Output Power vs. Frequency
12
13
14
15
16
0.1
0.5
1
1.5
2
3
4
6
dBm
GHz
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
s
t
i
n
U
y
c
n
e
u
q
e
r
F
.
n
i
M
.
p
y
T
.
x
a
M
G
P
n
i
a
G
r
e
w
o
P
l
a
n
g
i
S
ll
a
m
S
B
d
B
d
B
d
z
H
M
0
5
8
z
H
M
0
5
9
1
z
H
M
0
0
4
2
4
.
4
1
0
.
6
1
5
.
5
1
0
.
5
1
6
.
7
1
G
F
s
s
e
n
t
a
l
F
n
i
a
GB
d
z
H
G
6
-
1
.
0
-
/
+
3
.
1
B
d
3
W
Bh
t
d
i
w
d
n
a
B
B
d
3z
H
G
5
.
4
P
B
d
1
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
a
r
e
w
o
P
t
u
p
t
u
Om
B
d
0
5
9
1M z
H
1
0
.
4
O P
I
3
t
u
p
t
u
O
t
n
i
o
P
t
p
e
c
r
e
t
n
I
r
e
d
r
O
d
ri
h
T
m
B
d
0
5
9
1M z
H
0
.
9
2
F
Ne
r
u
g
i
F
e
s
i
o
NB
d
0
5
9
1M z
H
7
.
5
R
W
S
Vt
u
p
t
u
O
/
t
u
p
n
I
-
z
H
G
6
-
1
.
0
1
:
5
.
1
L
O
S
In
o
it
a
l
o
s
I
e
s
r
e
v
e
RB
d
z
H
G
6
-
1
.
0
0
2
V
D
e
g
a
tl
o
V
g
n
it
a
r
e
p
O
e
c
i
v
e
D
V
.
3
3
8
.
3
.
4
3
I
D
t
n
e
r
r
u
C
g
n
it
a
r
e
p
O
e
c
i
v
e
DA
m5
40
55
5
T
d
/
G
d
e
c
i
v
e
D
n
i
a
G
t
n
e
i
c
if
f
e
o
C
e
r
u
t
a
r
e
p
m
e
T
B
d
C
°
/
1
0
0
.
0
-
8
R
H
T
l-
j
,
)
d
a
e
l
o
t
n
o
it
c
n
u
j
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
W
/
C
°
0
4
3
Test Conditions:
V
S = 8 V
I
D = 50 mA Typ.
OIP
3 Tone Spacing = 1 MHz, Pout per tone = 0 dBm
R
BIAS = 82 Ohms
T
L = 25ºC
Z
S = ZL = 50 Ohms


Similar Part No. - SNA-286

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
   DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
More results

Similar Description - SNA-286

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SNA-286 SIRENZA-SNA-286 Datasheet
350Kb / 4P
   DC-6.0 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-176 ETC-SNA-176 Datasheet
258Kb / 3P
   DC-10 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-276 STANFORD-SNA-276 Datasheet
81Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
List of Unclassifed Man...
SNA-386 ETC-SNA-386 Datasheet
351Kb / 4P
   DC 3 GHZ CASCADABLE GAAS MMIC AMPLIFIER
logo
Stanford Microdevices
SNA-476 STANFORD-SNA-476 Datasheet
85Kb / 3P
   DC-8 GHz, Cascadable GaAs MMIC Amplifier
SNA-200 STANFORD-SNA-200 Datasheet
67Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-600 SIRENZA-SNA-600 Datasheet
240Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
logo
Stanford Microdevices
SNA-576 STANFORD-SNA-576 Datasheet
88Kb / 3P
   DC-3 GHz, Cascadable GaAs MMIC Amplifier
logo
SIRENZA MICRODEVICES
SNA-200 SIRENZA-SNA-200 Datasheet
173Kb / 3P
   DC-6.5 GHz, Cascadable GaAs MMIC Amplifier
SNA-300 SIRENZA-SNA-300 Datasheet
213Kb / 3P
   DC-3 GHz, Cascadable GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com