Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP180A Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3KP180A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3KP180A Datasheet(HTML) 1 Page - DB Lectro Inc

  3KP180A Datasheet HTML 1Page - DB Lectro Inc 3KP180A Datasheet HTML 2Page - DB Lectro Inc 3KP180A Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNI-POLAR BI-POLAR
3KP5.0A
3KP5.0CA
5.0
6.40
7.00
50
9.2
326.1
5000
3KP6.0A
3KP6.0CA
6.0
6.67
7.37
50
10.3
291.3
5000
3KP6.5A
3KP6.5CA
6.5
7.22
7.98
50
11.2
267.9
2000
3KP7.0A
3KP7.0CA
7.0
7.78
8.60
50
12.0
250.0
1000
3KP7.5A
3KP7.5CA
7.5
8.33
9.21
5
12.9
232.6
250
3KP8.0A
3KP8.0CA
8.0
8.89
9.83
5
13.6
220.6
150
3KP8.5A
3KP8.5CA
8.5
9.44
10.40
5
14.4
208.3
50
3KP9.0A
3KP9.0CA
9.0
10.00
11.10
5
15.4
194.8
20
3KP10A
3KP10CA
10.0
11.10
12.30
5
17.0
176.5
15
3KP11A
3KP11CA
11.0
12.20
13.50
5
18.2
164.8
10
3KP12A
3KP12CA
12.0
13.30
14.70
5
19.9
150.8
10
3KP13A
3KP13CA
13.0
14.40
15.90
5
21.5
139.5
10
3KP14A
3KP14CA
14.0
15.60
17.20
5
23.2
129.3
10
3KP15A
3KP15CA
15.0
16.70
18.50
5
24.4
123.0
10
3KP16A
3KP16CA
16.0
17.80
19.70
5
26.0
115.4
10
3KP17A
3KP17CA
17.0
18.90
20.90
5
27.6
108.7
10
3KP18A
3KP18CA
18.0
20.00
22.10
5
29.2
102.7
10
3KP20A
3KP20CA
20.0
22.20
24.50
5
32.4
92.6
10
3KP22A
3KP22CA
22.0
24.40
26.90
5
35.5
84.5
10
3KP24A
3KP24CA
24.0
26.70
29.50
5
38.9
77.1
10
3KP26A
3KP26CA
26.0
28.90
31.90
5
42.1
71.3
10
3KP28A
3KP28CA
28.0
31.10
34.40
5
45.4
66.1
10
3KP30A
3KP30CA
30.0
33.30
36.80
5
48.4
62.0
10
3KP33A
3KP33CA
33.0
36.70
40.60
5
53.3
56.3
10
3KP36A
3KP36CA
36.0
40.00
44.20
5
58.1
51.6
10
3KP40A
3KP40CA
40.0
44.40
49.10
5
64.5
46.5
10
3KP43A
3KP43CA
43.0
47.80
52.80
5
69.4
43.2
10
3KP45A
3KP45CA
45.0
50.00
55.30
5
72.7
41.3
10
3KP48A
3KP48CA
48.0
53.30
58.90
5
77.4
38.8
10
3KP51A
3KP51CA
51.0
56.70
62.70
5
82.4
36.4
10
3KP54A
3KP54CA
54.0
60.00
66.30
5
87.1
34.4
10
3KP58A
3KP58CA
58.0
64.40
71.20
5
93.6
32.1
10
3KP60A
3KP60CA
60.0
66.70
73.70
5
96.8
31.0
10
3KP64A
3KP64CA
64.0
71.10
78.60
5
103.0
29.1
10
3KP70A
3KP70CA
70.0
77.80
86.00
5
113.0
26.5
10
3KP75A
3KP75CA
75.0
83.30
92.10
5
121.0
24.8
10
3KP78A
3KP78CA
78.0
86.70
95.80
5
126.0
23.8
10
3KP85A
3KP85CA
85.0
94.40
104.00
5
137.0
21.9
10
3KP90A
3KP90CA
90.0
100.00
111.00
5
146.0
20.5
10
3KP100A
3KP100CA
100.0
111.00
123.00
5
162.0
18.5
10
3KP110A
3KP110CA
110.0
122.00
135.00
5
177.0
16.9
10
3KP120A
3KP120CA
120.0
133.00
147.00
5
193.0
15.5
10
3KP130A
3KP130CA
130.0
144.00
159.00
5
209.0
14.4
10
3KP150A
3KP150CA
150.0
167.00
185.00
5
243.0
12.3
10
3KP160A
3KP160CA
160.0
178.00
197.00
5
259.0
11.6
10
3KP170A
3KP170CA
170.0
189.00
209.00
5
275.0
10.9
10
3KP180A
3KP180CA
180.0
200.00
233.00
5
289.0
10.4
10
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
3KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE - 5.0 TO 180 Volts
REVERSE
STAND-
OFF
VOLTAGE
VRWM(V)
BREAKDOWN
VOLTAGE
VBR(V)
MIN.@IT
REVERSE
LEAKAGE
@ VRWM
IR(µA)
3000Watts Peak Pulse Power
BREAKDOWN
VOLTAGE
VBR(V)
MAX.@IT
TEST
CURRENT
IT (mA)
MAXIMUM
CLAMPING
VOLTAGE
@Ipp Vc(V)
PEAK
PULSE
CURRENT
Ipp (A)
3KP
PART NUMBER
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - 3KP180A

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
3KP180A UNSEMI-3KP180A Datasheet
3Mb / 7P
   null5.0 To 190V 3000W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Formosa MS
3KP180A FORMOSA-3KP180A Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Littelfuse
3KP180A LITTELFUSE-3KP180A Datasheet
3Mb / 146P
   TVS Diode Products
logo
StarHope
3KP180A SPSEMI-3KP180A Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Won-Top Electronics
3KP180A WTE-3KP180A Datasheet
72Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3KP180A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
StarHope
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
StarHope
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com