Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3KP100CA Datasheet(PDF) 2 Page - DB Lectro Inc

Part # 3KP100CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3KP100CA Datasheet(HTML) 2 Page - DB Lectro Inc

  3KP100CA Datasheet HTML 1Page - DB Lectro Inc 3KP100CA Datasheet HTML 2Page - DB Lectro Inc 3KP100CA Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FEATURES
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
Glass passivated junction
3000W Peak Pulse Power capability on 10/1000µs waveform
Excellent clamping capability
Repetition rate (duty cycle):0.05%
Low incremental surge resistance
Fast response time: typically less than 1.0ps from 0 Volts to V(BR)
Typical IR less than 1mA above 10V
High temperature soldering guaranteed: 265°C/10 seconds/.375"
,(9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic over glass passivated junction
Terminal: Plated Axial leads, solderable per MIL-STD-750, Method 2026
Polarity: Color band denotes positive end (cathode) except Bipolar
Mounting Position : Any
Weight: 0.07ounce, 2.1gram
SYMBOL VALUE
UNITS
PPPM
Minimum
3000
Watts
IPPM
SEE
TABLE 1
Amps
PM(AV)
8
Watts
TJ , TSTG
-55 to +
175
Notes :
1.Non-repetitive current pulse , per Fig. 3 and derated above TA = 25
per Fig. 2 .
2.Mounted on Copper Pad area of 1.6×1.6" (40×40mm) per Fig. 5.
3.8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
RATING
Peak Pulse Power Dissipation on 10/1000
s waveform (Note 1,FIG.1)
Peak Pulse Current of on 10/1000
s waveform (Note 1,FIG.3)
DEVICES FOR BIPOLAR APPLICATION
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25
ambient temperature unless otherwise specified.
Electrical characteristics apply in both directions
For Bidirectional use C or CA Suffix for types 3KP5.0 thru types 3KP180 (e.g. 3KP5.0C , 3KP180CA)
3KP SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE-5.0 TO 180 Volts
3000 watt Peak Pulse Power
Amps
Steady State Power Dissipation at TL = 75
, Lead lengths.375",(9.5mm) (Note 2)
Superimposed on Rated Load,(JEDEC Method) (Note 3)
Operating junction and Storage Temperature Range
IFSM
400
Peak Forward Surge Current,8.3ms Single Half Sine-Wave
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - 3KP100CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP100CA PANJIT-3KP100CA Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Ruilongyuan Electronics...
3KP100CA RUILON-3KP100CA Datasheet
763Kb / 7P
   Transient Voltage Suppressors
logo
Shanghai Leiditech Elec...
3KP100CA LEIDITECH-3KP100CA Datasheet
819Kb / 5P
   3000W Transient Voltage Suppressor
logo
Surge Components
3KP100CA SURGE-3KP100CA Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Socay Electornics Co., ...
3KP100CA SOCAY-3KP100CA Datasheet
485Kb / 6P
   Axial Lead Transient Voltage Suppressors (TVS)
More results

Similar Description - 3KP100CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Formosa MS
3KP5.0 FORMOSA-3KP5.0 Datasheet
69Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
StarHope
TVS-SA SPSEMI-TVS-SA Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 180 Volts 500 Watt Peak Pulse Power
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Pan Jit International I...
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
StarHope
TVS-5KP SPSEMI-TVS-5KP Datasheet
326Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 250 Volts 5000 Watt Peak Pulse Power
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
MDE Semiconductor, Inc.
SMLJ MDE-SMLJ Datasheet
96Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
Leshan Radio Company
15KW LRC-15KW Datasheet
26Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com