Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE350CA Datasheet(PDF) 3 Page - DB Lectro Inc

Part # 1.5KE350CA
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 TO 440 Volts 1500 watt Peak Power / 6.5 Watt Steady State
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

1.5KE350CA Datasheet(HTML) 3 Page - DB Lectro Inc

  1.5KE350CA Datasheet HTML 1Page - DB Lectro Inc 1.5KE350CA Datasheet HTML 2Page - DB Lectro Inc 1.5KE350CA Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ratings and
Characteristic Curves(T
A=25
unless otherwise noted)
1.5KE SERIES
RATINGS AND CHARACTERISTIC CURVES
10
100
1000
110
100
200
Number of Cycles at 60 Hz
Fig.6 - Maximum Non-Repetitive Forward
Surge Current Uni-Directional Only
8.3ms Single Half Sine-Wave
(JEDEC Method)TJ=TJ max.
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Fig. 1 - Peak Pulse Power Rating Curve
0
25
50
75
100
125
150
175
200
0
1.0
2.0
3.0
4.0
Fig. 5 - Steady State Power
Derating Curve
TL - Lead Temperature (°C)
L=0.375" (9.5mm)
Lead Lengths
1.6x1.6x.040"
(40x40x1mm)
Copper Heat Sinks
5.0
6.0
7.0
8.0
60Hz
Resistive or
Inductive Load
t - Time(ms)
3.0
4.0
150
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
10/1000µsec.Waveform
as defined by R.E.A.
td
Fig.3 - Pulse Waveform
4.0
50
Half Value- IPPM
2
100
3.0
0
10
100
1000
10000
1
10
100
1000
5
10
100
1000
10000
Fig. 4 - Typical Junction Capacitance
VWM - Reverse Stand-Off Voltage (V)
Unidirectional
Bidirectional
f = 1MHz
Vsig = 50mVp-p
TJ = 25°C
VR = 0
500
VR = Rated
Stand-off Voltage
10
0
12.5
25
37.5
50
62.5
75
87.5
100
0
25
50
75
100
125
150
175
200
Fig.2 - Pulse Derating Curve
TA - Ambient Temperature (°C)
DB LECTRO Inc.
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714


Similar Part No. - 1.5KE350CA

ManufacturerPart #DatasheetDescription
logo
StarHope
1.5KE350CA SPSEMI-1.5KE350CA Datasheet
323Kb / 3P
   GLASS PASSOVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 550 Volts
logo
Transys Electronics
1.5KE350CA TRSYS-1.5KE350CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE350CA WEITRON-1.5KE350CA Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
HuaXinAn Electronics CO...
1.5KE350CA HUAXINAN-1.5KE350CA Datasheet
365Kb / 5P
   1500W Transient Voltage Suppressors
logo
Micro Commercial Compon...
1.5KE350CA MCC-1.5KE350CA Datasheet
927Kb / 4P
   1500 Watt Transient Voltage Suppressors 6.8V to 550 Volts
More results

Similar Description - 1.5KE350CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4KE PANJIT-P4KE Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 400 Watt Peak Power 1.0 Watt Steady State)
logo
StarHope
TVS-1KE SPSEMI-TVS-1KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 6.8 to 550 Volts 1500 Watt Peak Pulse Power/6.5 Watt Steady State
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
StarHope
TVS-P4KE SPSEMI-TVS-P4KE Datasheet
324Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 550 Volts 400 Watt Peak Power/1.0Watt Steady State
TVS-P6KE SPSEMI-TVS-P6KE Datasheet
323Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Voltage - 6.8 to 600 Volts 600 Watt Peak Power/5.0Watt Steady State
logo
DB Lectro Inc
BZW04 DBLECTRO-BZW04 Datasheet
195Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 to 440 Volts 400 Watts Peak 1.0 Watt Steady Stae
logo
Rectron Semiconductor
TFMCJ RECTRON-TFMCJ Datasheet
1,020Kb / 4P
   GPP TRANSIENT VOLTAGE SUPPRESSOR (1500 WATT PEAK POWER 1.0 WATT STEADY STATE)
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Micro Commercial Compon...
SMCJ1.5KE6.8 MCC-SMCJ1.5KE6.8 Datasheet
254Kb / 5P
   Transient Voltage Suppressor 6.8 to 550 Volts 1500 Watt
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com