Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW50-06A7 Datasheet(PDF) 8 Page - IXYS Corporation

Part # MUBW50-06A7
Description  Converter - Brake - Inverter Module(CBI2)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW50-06A7 Datasheet(HTML) 8 Page - IXYS Corporation

  MUBW50-06A7 Datasheet HTML 1Page - IXYS Corporation MUBW50-06A7 Datasheet HTML 2Page - IXYS Corporation MUBW50-06A7 Datasheet HTML 3Page - IXYS Corporation MUBW50-06A7 Datasheet HTML 4Page - IXYS Corporation MUBW50-06A7 Datasheet HTML 5Page - IXYS Corporation MUBW50-06A7 Datasheet HTML 6Page - IXYS Corporation MUBW50-06A7 Datasheet HTML 7Page - IXYS Corporation MUBW50-06A7 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
© 2001 IXYS All rights reserved
8 - 8
MUBW 50-06 A7
Fig. 19 Typ. output characteristics
Fig. 20 Typ. forward characteristics of
free wheeling diode
Fig. 21 Typ. turn off energy and switching
Fig. 22 Typ. turn off energy and switching
times versus collector current
times versus gate resistor
Fig. 23 Typ. transient thermal impedance
Fig. 24 Typ. thermistorresistance versus
temperature
01
23
45
6
0
10
20
30
40
50
60
V
GE = 15V
V
V
CE
A
I
C
T
VJ = 25°C
T
VJ = 125°C
0
123
0
5
10
15
20
V
V
F
I
F
T
VJ = 25°C
T
VJ = 125°C
A
0
1020
304050
0.0
0.5
1.0
1.5
2.0
0
100
200
300
400
V
CE = 300V
V
GE = ±15V
R
G = 47Ω
T
VJ = 125°C
E
off
J
d(off)
J
f
I
C
A
E
off
t
mJ
ns
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
0
100
200
300
400
500
V
CE = 300V
V
GE = ±15V
I
C
= 25A
T
VJ = 125°C
E
off
J
d(off)
J
f
E
off
t
ns
mJ
0.00001 0.0001 0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
single pulse
t
s
K/W
Z
thJC
IGBT
diode
0
25
50
75
100
125
150
100
1000
10000
MUBW5006A7
T
°C
R
R
G
Brake Chopper T7 / D7
Temperature Sensor NTC


Similar Part No. - MUBW50-06A7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW50-06A8 IXYS-MUBW50-06A8 Datasheet
105Kb / 4P
   Converter - Brake - Inverter Module (CBI3)
More results

Similar Description - MUBW50-06A7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW10-12 IXYS-MUBW10-12 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
MUBW20-06A7 IXYS-MUBW20-06A7 Datasheet
189Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
L321 IXYS-L321 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
MUBW30-06A7 IXYS-MUBW30-06A7 Datasheet
191Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
MUBW35-12A7 IXYS-MUBW35-12A7 Datasheet
170Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com