Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN6224 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN6224
Description  Silicon NPN epitaxial planer transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN6224 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN6224 Datasheet HTML 1Page - Panasonic Semiconductor UN6224 Datasheet HTML 2Page - Panasonic Semiconductor UN6224 Datasheet HTML 3Page - Panasonic Semiconductor UN6224 Datasheet HTML 4Page - Panasonic Semiconductor UN6224 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Transistors with built-in Resistor
UN6221/6222/6223/6224
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = 50V, IE = 0
1
µA
ICEO
VCE = 50V, IB = 0
1
µA
UN6221
5
UN6222
IEBO
VEB = 6V, IC = 0
2
mA
UN6223/6224
1
Collector to base voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
UN6221
40
UN6222
hFE
VCE = 10V, IC = 100mA
50
UN6223/6224
60
Collector to emitter saturation voltage
VCE(sat)
IC = 100mA, IB = 5mA
0.25
V
Output voltage high level
VOH
VCC = 5V, VB = 0.5V, RL = 500Ω
4.9
V
Output voltage low level
VOL
VCC = 5V, VB = 3.5V, RL = 500Ω
0.2
V
Transition frequency
fT
VCB = 10V, IE = –50mA, f = 200MHz
200
MHz
UN6221/6224
2.2
UN6222
R1
(–30%)
4.7
(+30%)
k
UN6223
10
Resistance ratio
R1/R2
0.8
1.0
1.2
UN6224
0.17
0.22
0.27
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance


Similar Part No. - UN6224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN6210 PANASONIC-UN6210 Datasheet
175Kb / 13P
   Silicon NPN epitaxial planer transistor
UN6211 PANASONIC-UN6211 Datasheet
175Kb / 13P
   Silicon NPN epitaxial planer transistor
UN6212 PANASONIC-UN6212 Datasheet
175Kb / 13P
   Silicon NPN epitaxial planer transistor
UN6213 PANASONIC-UN6213 Datasheet
175Kb / 13P
   Silicon NPN epitaxial planer transistor
UN6214 PANASONIC-UN6214 Datasheet
175Kb / 13P
   Silicon NPN epitaxial planer transistor
More results

Similar Description - UN6224

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com