Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN612Y Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # UN612Y
Description  Silicon PNP epitaxial planer transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN612Y Datasheet(HTML) 6 Page - Panasonic Semiconductor

  UN612Y Datasheet HTML 1Page - Panasonic Semiconductor UN612Y Datasheet HTML 2Page - Panasonic Semiconductor UN612Y Datasheet HTML 3Page - Panasonic Semiconductor UN612Y Datasheet HTML 4Page - Panasonic Semiconductor UN612Y Datasheet HTML 5Page - Panasonic Semiconductor UN612Y Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Transistors with built-in Resistor
UN6121/6122/6123/6124/612X/612Y
Cob — VCB
VIN — IO
Characteristics charts of UN612Y
IC — VCE
VCE(sat) — IC
hFE — IC
Cob — VCB
VIN — IO
0
–1
24
20
16
12
8
4
– 3
–10
– 30
–100
Collector to base voltage VCB (V)
f=1MHz
IE=0
Ta=25˚C
–0.01
–0.1 –0.3
–0.1
–1
–10
–0.03
–0.3
–3
–30
–100
–1
– 3
–10
– 30
–100
Output current IO (mA)
VO= – 0.2V
Ta=25˚C
0
0
–12
– 2
–10
–4
–8
–6
– 240
– 200
–160
–120
–80
–40
Collector to emitter voltage VCE (V)
Ta=25˚C
IB= –1.2mA
– 0.2mA
– 0.4mA
– 0.6mA
– 0.8mA
–1.0mA
–0.01
–0.03
–1
– 3
–0.1
–0.3
–1
–3
–10
–30
–100
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
IC/IB=10
Ta=75˚C
25˚C
– 25˚C
0
–1
– 3
240
200
160
120
80
40
–10
– 30
–100 – 300 –1000
Collector current IC (mA)
VCE= –10V
Ta=75˚C
25˚C
–25˚C
0
–1
24
20
16
12
8
4
– 3
–10
– 30
–100
Collector to base voltage
VCB (V)
f=1MHz
IE=0
Ta=25˚C
–0.01
–0.1 –0.3
–0.1
–1
–10
–0.03
–0.3
–3
–30
–100
–1
– 3
–10
– 30
–100
Output current IO (mA)
VO= – 0.2V
Ta=25˚C


Similar Part No. - UN612Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN6110 PANASONIC-UN6110 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6111 PANASONIC-UN6111 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6112 PANASONIC-UN6112 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6113 PANASONIC-UN6113 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6114 PANASONIC-UN6114 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - UN612Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com