Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTR300 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # XTR300
Description  Industrial Analog Current/Voltage OUTPUT DRIVER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

XTR300 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  XTR300 Datasheet HTML 1Page - Burr-Brown (TI) XTR300 Datasheet HTML 2Page - Burr-Brown (TI) XTR300 Datasheet HTML 3Page - Burr-Brown (TI) XTR300 Datasheet HTML 4Page - Burr-Brown (TI) XTR300 Datasheet HTML 5Page - Burr-Brown (TI) XTR300 Datasheet HTML 6Page - Burr-Brown (TI) XTR300 Datasheet HTML 7Page - Burr-Brown (TI) XTR300 Datasheet HTML 8Page - Burr-Brown (TI) XTR300 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FEATURES
D USER-SELECTABLE: Voltage or Current
Output
D +40V SUPPLY VOLTAGE
D V
OUT: ±10V (up to ±17.5V at ±20V supply)
D I
OUT: ±20mA (linear up to ±24mA)
D SHORT- OR OPEN-CIRCUIT FAULT
INDICATOR PIN
D NO CURRENT SHUNT REQUIRED
D OUTPUT DISABLE FOR SINGLE INPUT MODE
D THERMAL PROTECTION
D OVER-CURRENT PROTECTION
D SEPARATE DRIVER AND RECEIVER
CHANNELS
D DESIGNED FOR TESTABILITY
IA
Current Copy
OPA
RGAIN
RG1
RG2
ICOPY
C C
IDRV
IIA
IAIN+
IAIN−
Load
DRV
IA
OUT
VIN
SET
I
MON
V
DGND
V+
XTR300
Digital
Control
OD
M2
M1
Error
Flags
EF
CM
EF
LD
EF
OT
(Optional)
Input Signal
VREF
RIA
1k
RSET
GND1
GND3
ROS
RIMON
1k
GND2
Figure 1. XTR300 Basic Diagram
APPLICATIONS
D PLC OUTPUT PROGRAMMABLE DRIVER
D INDUSTRIAL CROSS-CONNECTORS
D INDUSTRIAL HIGH-VOLTAGE I/O
D 3-WIRE-SENSOR CURRENT OR VOLTAGE
OUTPUT
D ±10V 2- AND 4-WIRE VOLTAGE OUTPUT
Patents Pending
DESCRIPTION
The XTR300 is a complete output driver for industrial and
process control applications. The output can be configured
as current or voltage by the digital I/V select pin. No
external
shunt resistor is required. Only external
gain-setting resistors and a loop compensation capacitor
are required.
The separate driver and receiver channels provide
flexibility. The Instrumentation Amplifier (IA) can be used
for remote voltage sense or as a high-voltage, high-
impedance measurement channel. In voltage output
mode, a copy of the output current is provided, allowing
calculation of load resistance.
The digital output selection capability, together with the
error flags and monitor pins, make remote configuration
and troubleshooting possible. Fault conditions on the
output and on the IA input as well as over-temperature
conditions are indicated by the error flags. The monitoring
pins provide continuous feedback about load power or
impedance. For additional protection, the maximum output
current is limited and thermal protection is provided.
Digital communication like HART
 can be modulated onto
the input signal. The receive signal applied to the output
can be detected at the monitor pins in both current and
voltage
output
modes.
In
addition
to
HART
communication, the device offers system or sensor
configuration through the signal connector.
The XTR300 is specified over the −40
°C to +85°C
industrial temperature range and for supply voltage up to
40V.
XTR300
SBOS336B − JUNE 2005 − REVISED MARCH 2006
Industrial Analog Current/Voltage
OUTPUT DRIVER
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2005−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
HART is a registered trademark of the HART Communication Foundation.
All other trademarks are the property of their respective owners.


Similar Part No. - XTR300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
XTR300AIRGWR TI1-XTR300AIRGWR Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
XTR300AIRGWRG4 TI1-XTR300AIRGWRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
XTR300AIRGWT TI1-XTR300AIRGWT Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
XTR300AIRGWTG4 TI1-XTR300AIRGWTG4 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
More results

Similar Description - XTR300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR300 TI1-XTR300 Datasheet
1Mb / 38P
[Old version datasheet]   Industrial Analog Current/Voltage OUTPUT DRIVER
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
Analog Devices
AD5750 AD-AD5750_12 Datasheet
695Kb / 36P
   Industrial Current/Voltage Output Driver
REV. D
AD5748 AD-AD5748_14 Datasheet
749Kb / 32P
   Industrial Current/Voltage Output Driver
logo
Maxim Integrated Produc...
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500_11 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
logo
Analog Devices
AD5750 AD-AD5750 Datasheet
256Kb / 25P
   Industrial Current/Voltage Output Driver, Programmable Ranges
Rev. PrC
AD5750 AD-AD5750_09 Datasheet
713Kb / 36P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748_1 Datasheet
821Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. A
AD5748 AD-AD5748 Datasheet
635Kb / 32P
   Industrial Current/Voltage Output Driver with Programmable Ranges
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com