Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT5051A Datasheet(PDF) 10 Page - International Rectifier

Part # IRPT5051A
Description  Integrated Power Stage for 15 hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT5051A Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPT5051A Datasheet HTML 4Page - International Rectifier IRPT5051A Datasheet HTML 5Page - International Rectifier IRPT5051A Datasheet HTML 6Page - International Rectifier IRPT5051A Datasheet HTML 7Page - International Rectifier IRPT5051A Datasheet HTML 8Page - International Rectifier IRPT5051A Datasheet HTML 9Page - International Rectifier IRPT5051A Datasheet HTML 10Page - International Rectifier IRPT5051A Datasheet HTML 11Page - International Rectifier IRPT5051A Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
IRPT5051
page 10
Driver-Plus Board Hole Position and Sizes for Power Assembly
3.350 [85.090]
CONNECTOR CLEARANCE
BOTTOM SIDE ONLY
4X
3.550 [90.170]
A
2.350 [5.690]
2.250 [57.150]
2.050 [52.070]
1.950 [49.530]
1.854 [47.092]
.050 [1.27]
83X
2.150 [54.610]
1.754 [44.552]
1.650 [41.910]
30
19
23 24
29
1
2
3
4
7
1.250 [31.750]
1.450 [36.830]
1.350 [34.290]
8
SUPPORT & SCREW CLEARANCE
TOP & BOTTOM SIDES
5X
9
10
817
A
B
CN2
13
67
12
CN1
12
3 4 5
A
1
2
3
4
7
8
9
B
CN3
15
3.450 [87.630]
THRU HOLES
5X
.250 [6.350]
16
17
22
23
1.575 [40.005]
1.654 [42.012]
2.375 [60.325]
2.675 [67.945]
2.175 [55.245]
2.275 [57.785]
2.775 [70.485]
2.875 [73.025]
2.975 [75.565]
3.075 [78.105]
1.954 [49.632]
24
.250 [ 6.350] R
5X
NOTES:
.000
1.375 [34.925]
1.475 [37.465]
.250 [6.350]
.575 [14.605]
.675 [17.145]
.775 [19.685]
.875 [22.225]
B
CN4
1.550 [39.370]
1. MATERIAL: FR4, .065 [1.651]THICK MAX.
18
15
19
23 24
10
14
6
15
IRPT5051A Mechanical Specifications
NOTE: Dimensions are in inches (millimeters)
G
S
E
E
E
G
S
G
S
RT1
G
S
E
G
S
S
E
E
G
CN4
Q6
E
E
Q4
E
E
Q2
E
E
D4
CN2
CN1
D2
A
CN3
A
A
A
D3
D1
D6
A
A
D5
5.300 [134.62]
3.700 [93.98]
Q3
Q1
Q5
.500 [12.7]
MAX.


Similar Part No. - IRPT5051A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1053A IRF-IRPT1053A Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053C IRF-IRPT1053C Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053D IRF-IRPT1053D Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1053E IRF-IRPT1053E Datasheet
152Kb / 12P
   Power Module for 1 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
More results

Similar Description - IRPT5051A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
   Integrated Power Stage for 3 hp Motor Drives
IRPT1059 IRF-IRPT1059 Datasheet
333Kb / 12P
   Integrated Power Stage for 1hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
   Power Module for 5 hp Motor Drives
IRPT1057A IRF-IRPT1057A Datasheet
229Kb / 11P
   Power Module for 0.75 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com