Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN74HCU04N Datasheet(PDF) 5 Page - Integral Corp.

Part # IN74HCU04N
Description  Hex Unbuffered Inverter High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HCU04N Datasheet(HTML) 5 Page - Integral Corp.

  IN74HCU04N Datasheet HTML 1Page - Integral Corp. IN74HCU04N Datasheet HTML 2Page - Integral Corp. IN74HCU04N Datasheet HTML 3Page - Integral Corp. IN74HCU04N Datasheet HTML 4Page - Integral Corp. IN74HCU04N Datasheet HTML 5Page - Integral Corp. IN74HCU04N Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IN74HCU04
5
TYPICAL APPLICATIONS
Crystal Oscillator
Stable RC Oscillator
R2
1/6HCU04
C1
R2> >R1
C1<C2
Vout
C2
R1
R2
R1
C
1/6HCU04
1/6HCU04
1/6HCU04
Vout
Schmitt Trigger
High Input Single -Stage Amplifier
with a 2 to 6 V Supply Range
R2
R1
Vin
Vout
1/6HCU04 1/6HCU04
R2> 6R1
VCC
INPUT
OUTPUT
1 M
1 M
1/6HCU04
Multi-Stage Amplifier
LED Driver
VCC
INPUT
OUTPUT
1/6HCU04 1/6HCU04 1/6HCU04
+V
1/6HCU04
For reduced power suplly current, use high-efficiency LEDs
such as the Hewlett-Packard HLMP series or equivalent


Similar Part No. - IN74HCU04N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
IK Semicon Co., Ltd
IN74HCU04A IKSEMICON-IN74HCU04A Datasheet
163Kb / 6P
   High noise immunity characteristic of CMOS
logo
Integral Corp.
IN74HCU04AD INTEGRAL-IN74HCU04AD Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
IN74HCU04AN INTEGRAL-IN74HCU04AN Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
More results

Similar Description - IN74HCU04N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
KK74HCT04A KODENSHI-KK74HCT04A Datasheet
194Kb / 5P
   Hex Inverter High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HC04 SLS-SL74HC04 Datasheet
33Kb / 4P
   Hex Inverter High-Performance Silicon-Gate CMOS
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
   Hex Inverter(High-Performance Silicon-Gate CMOS)
SL74HCT14 SLS-SL74HCT14 Datasheet
33Kb / 4P
   Hex Schmitt-Trigger Inverter(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT14A KODENSHI-KK74HCT14A Datasheet
436Kb / 5P
   Hex Schmitt-Trigger Inverter High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com