Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN6121 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UN6121
Description  Silicon PNP epitaxial planer transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN6121 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UN6121 Datasheet HTML 1Page - Panasonic Semiconductor UN6121 Datasheet HTML 2Page - Panasonic Semiconductor UN6121 Datasheet HTML 3Page - Panasonic Semiconductor UN6121 Datasheet HTML 4Page - Panasonic Semiconductor UN6121 Datasheet HTML 5Page - Panasonic Semiconductor UN6121 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Transistors with built-in Resistor
UN6121/6122/6123/6124/612X/612Y
Silicon PNP epitaxial planer transistor
For digital circuits
s Features
q
Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
q
MT-1 type package, allowing supply with the radial taping.
s Resistance by Part Number
(R1)(R2)
q
UN6121
2.2k
2.2k
q
UN6122
4.7K
4.7k
q
UN6123
10k
10k
q
UN6124
2.2k
10k
q
UN612X
0.27k
5k
q
UN612Y
3.1k
4.6k
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Internal Connection
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
–50
V
Collector to emitter voltage
VCEO
–50
V
Collector current
IC
–500
mA
Total power dissipation
PT
600
mW
Junction temperature
Tj
150
˚C
Storage temperature
Tstg
–55 to +150
˚C
B
C
R1
R2
E
1 : Emitter
2 : Collector
3 : Base
MT-1 Type Pakage
6.9
±0.1
1.05
±0.05
2.5
±0.1
(1.45)
0.8
0.7
4.0
0.65 max.
0.45
+0.1
–0.05
2.5
±0.5 2.5±0.5
123


Similar Part No. - UN6121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN6110 PANASONIC-UN6110 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6111 PANASONIC-UN6111 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6112 PANASONIC-UN6112 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6113 PANASONIC-UN6113 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
UN6114 PANASONIC-UN6114 Datasheet
181Kb / 13P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - UN6121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
XN1111 PANASONIC-XN1111 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1116 PANASONIC-XN1116 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN1118 PANASONIC-XN1118 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4114 PANASONIC-XN4114 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN4130 PANASONIC-XN4130 Datasheet
34Kb / 2P
   Silicon PNP epitaxial planer transistor
XN6112 PANASONIC-XN6112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XN611FH PANASONIC-XN611FH Datasheet
51Kb / 4P
   Silicon PNP epitaxial planer transistor
XP4112 PANASONIC-XP4112 Datasheet
33Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4115 PANASONIC-XP4115 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
XP4116 PANASONIC-XP4116 Datasheet
32Kb / 2P
   Silicon PNP epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com