Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1D-14G Datasheet(PDF) 4 Page - DB Lectro Inc

Part # 1D-14G
Description  MICROMINIATURE SURFACE MOUNT REED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

1D-14G Datasheet(HTML) 4 Page - DB Lectro Inc

  1D-14G Datasheet HTML 1Page - DB Lectro Inc 1D-14G Datasheet HTML 2Page - DB Lectro Inc 1D-14G Datasheet HTML 3Page - DB Lectro Inc 1D-14G Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
W1
W
B
A
Details of the part A
0.1
+0.02
-0.02
0.5
+0.02
-0.02
0.08
+0.02
-0.02
0.83
+0.02
-0.02
(2.5)
(3-R1.25)
(R30.0)
(2.0)
(3-R1.0)
( 21.0)
( 13.0)
3-R0.05
R1.18
Details of the part B
3-R0.04
DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - 1D-14G

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
1D-16A DBLECTRO-1D-16A Datasheet
4Mb / 2P
   RF Performance up to 13GHz
1D-1T DBLECTRO-1D-1T Datasheet
772Kb / 2P
   5Watt Contact Rate, 50V Switching capable
More results

Similar Description - 1D-14G

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
1D-2M12G DBLECTRO-1D-2M12G Datasheet
1Mb / 4P
   MICROMINIATURE SURFACE MOUNT REED RELAY
logo
Picker Components
PC302S PICKER-PC302S Datasheet
173Kb / 2P
   Microminiature Surface Mount Signal Relay
PC304S PICKER-PC304S Datasheet
127Kb / 2P
   Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
   Microminiature Surface Mount Signal Relay
PC303S PICKER-PC303S Datasheet
145Kb / 2P
   Microminiature Surface Mount Signal Relay
logo
American Zettler, Inc.
AZ848 AZETTLER-AZ848 Datasheet
148Kb / 4P
   MICROMINIATURE SURFACE MOUNT POLARIZED RELAY
logo
DB Lectro Inc
30D-1A12N1 DBLECTRO-30D-1A12N1 Datasheet
945Kb / 2P
   MICROMINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
2204 RHOPOINT-2204 Datasheet
60Kb / 2P
   Microminiature Reed Relays
logo
DB Lectro Inc
40R-1A12N1 DBLECTRO-40R-1A12N1 Datasheet
833Kb / 2P
   MICROMINIATURE REED RELAYS
logo
RHOPOINT COMPONENTS
2332 RHOPOINT-2332 Datasheet
52Kb / 2P
   Microminiature Reed Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com