Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6866DQ Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # SI6866DQ
Description  Dual N-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

SI6866DQ Datasheet(HTML) 1 Page - Vaishali Semiconductor

  SI6866DQ Datasheet HTML 1Page - Vaishali Semiconductor SI6866DQ Datasheet HTML 2Page - Vaishali Semiconductor SI6866DQ Datasheet HTML 3Page - Vaishali Semiconductor SI6866DQ Datasheet HTML 4Page - Vaishali Semiconductor SI6866DQ Datasheet HTML 5Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D 2.5-V Rated
D Lead (Pb)-Free Version is RoHS
Compliant
Available
Si6866DQ
Vishay Siliconix
Document Number: 71102
S-50695—Rev. B, 18-Apr-05
www.vishay.com
1
Dual N-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
20
0.030 @ VGS = 4.5 V
"5.8
20
0.040 @ VGS = 2.5 V
"5.0
Si6866DQ
S1
G1
S2
G2
1
2
3
4
8
7
6
5
D
D
D
D
TSSOP-8
Top View
D
Ordering Information: Si6866DQ-T1
Si6866DQ-T1—E3 (Lead (Pb)-Free)
N-Channel MOSFET
G1
D1
S1
N-Channel MOSFET
G2
D2
S2
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
"5.8
"5.0
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
"4.7
"4.0
A
Pulsed Drain Current (10 ms Pulse Width)
IDM
"30
A
Continuous Source Current (Diode Conduction)a
IS
1.5
1.1
Maximum Power Dissipationa
TA = 25_C
PD
1.67
1.2
W
Maximum Power Dissipationa
TA = 70_C
PD
1.06
0.76
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
60
75
Maximum Junction-to-Ambienta
Steady State
RthJA
86
105
_C/W
Maximum Junction-to-Foot
Steady State
RthJF
38
45
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI6866DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6866BDQ VISHAY-SI6866BDQ Datasheet
237Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
More results

Similar Description - SI6866DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
72413 VISHAY-72413 Datasheet
182Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jun-04
SI6925ADQ VISHAY-SI6925ADQ Datasheet
175Kb / 3P
   Dual N-Channel 2.5-V (G-S) MOSFET
23-May-04
logo
Guangdong Kexin Industr...
KI5904DC KEXIN-KI5904DC Datasheet
66Kb / 2P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI6946DQ VISHAY-SI6946DQ Datasheet
50Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. E, 06-Oct-97
logo
Vishay Telefunken
SI6926ADQ TFUNK-SI6926ADQ Datasheet
227Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
SI6968BE TFUNK-SI6968BE Datasheet
229Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI5904DC VISHAY-SI5904DC_08 Datasheet
94Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 18-Apr-05
SI9925DY VISHAY-SI9925DY Datasheet
41Kb / 4P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. N, 26-May-03
SI6926ADQ VISHAY-SI6926ADQ_05 Datasheet
100Kb / 6P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
SI5904DC VISHAY-SI5904DC_10 Datasheet
224Kb / 9P
   Dual N-Channel 2.5 V (G-S) MOSFET
Rev. D, 08-Mar-10
SI6926ADQ VISHAY-SI6926ADQ_08 Datasheet
222Kb / 11P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. B, 12-May-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com