Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA-2286 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SGA-2286
Description  DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SGA-2286 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SGA-2286 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-2286 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-2286 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-2286 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
EDS-100625 Rev D
Preliminary
SGA-2286 DC-5000 MHz Cascadable MMIC Amplifier
303 Technology Court, Broomfield, CO 80021
Phone: (800) SMI-MMIC
http://www.sirenza.com
e
c
n
e
r
e
f
e
R
r
o
t
a
n
g
i
s
e
D
)
z
h
M
(
y
c
n
e
u
q
e
r
F
0
0
5
0
5
8
0
5
9
1
0
0
4
2
0
0
5
3
C
B
F
p
0
2
2F
p
0
0
1F
p
8
6F
p
6
5F
p
9
3
C
D
F
p
0
0
1F
p
8
6F
p
2
2F
p
2
2F
p
5
1
L
C
H
n
8
6H
n
3
3H
n
2
2H
n
8
1H
n
5
1
Mounting Instructions
1. Use a large ground pad area under device pins 2
and 4 with many plated through-holes as shown.
3. We recommend 1 or 2 ounce copper. Measurements
for this data sheet were made on a 31 mil thick FR-4
board with 1 ounce copper on both sides.
Basic Application Circuit
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SGA-2286
Application Circuit Element Values
Part Number Ordering Information
Part Identification Marking
1 uF
R
BIAS
1000 pF
Caution: ESD sensitive
Appropriate precautions in handling, packaging
and testing devices must be observed.
C
B
C
B
C
D
L
C
V
S
1
2
3
4
22Z
I
r
o
f
s
e
u
l
a
V
r
o
t
s
i
s
e
R
s
a
i
B
d
e
d
n
e
m
m
o
c
e
R
D
A
m
0
2
=
R
S
A
I
B
V
(
=
S V
-
D
I
/
)
D
V
(
e
g
a
t
l
o
V
y
l
p
p
u
S
S)V
5V
6V
8V
0
1
R
S
A
I
B
0
4
10
0
20
0
30
9
3
R
:
e
t
o
N
S
A
I
B
.
e
r
u
t
a
r
e
p
m
e
t
r
e
v
o
y
t
il
i
b
a
t
s
s
a
i
b
C
D
s
e
d
i
v
o
r
p
#
n
i
P
n
o
i
t
c
n
u
F
n
o
i
t
p
i
r
c
s
e
D
1
N
I
F
Re
s
u
e
h
t
s
e
r
i
u
q
e
r
n
i
p
s
i
h
T
.
n
i
p
t
u
p
n
i
F
R
r
o
t
i
c
a
p
a
c
g
n
i
k
c
o
l
b
C
D
l
a
n
r
e
t
x
e
n
a
f
o
.
n
o
i
t
a
r
e
p
o
f
o
y
c
n
e
u
q
e
r
f
e
h
t
r
o
f
n
e
s
o
h
c
4
,
2
D
N
Gs
e
l
o
h
a
i
v
e
s
U
.
d
n
u
o
r
g
o
t
n
o
i
t
c
e
n
n
o
C
d
a
e
l
e
c
u
d
e
r
o
t
e
c
n
a
m
r
o
f
r
e
p
t
s
e
b
r
o
f
s
a
s
d
a
e
l
d
n
u
o
r
g
o
t
e
s
o
l
c
s
a
e
c
n
a
t
c
u
d
n
i
.
e
l
b
i
s
s
o
p
3
/
T
U
O
F
R
S
A
I
B
s
i
e
g
a
t
l
o
v
C
D
.
n
i
p
s
a
i
b
d
n
a
t
u
p
t
u
o
F
R
C
D
a
e
r
o
f
e
r
e
h
t
,
n
i
p
s
i
h
t
n
o
t
n
e
s
e
r
p
r
o
f
y
r
a
s
s
e
c
e
n
s
i
r
o
t
i
c
a
p
a
c
g
n
i
k
c
o
l
b
.
n
o
i
t
a
r
e
p
o
r
e
p
o
r
p
1
2
3
4
A22
Part Number
Reel Size
Devices/Reel
SGA-2286
13"
3000
SGA-2286Z
13"
3000
See Application Note AN-075
for Package Outline Drawing


Similar Part No. - SGA-2286

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286Z SIRENZA-SGA-2286Z Datasheet
90Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results

Similar Description - SGA-2286

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-2386 SIRENZA-SGA-2386 Datasheet
95Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Stanford Microdevices
SGA-4163 STANFORD-SGA-4163 Datasheet
395Kb / 5P
   DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-2263 SIRENZA-SGA-2263 Datasheet
251Kb / 5P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5386 SIRENZA-SGA-5386 Datasheet
88Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
List of Unclassifed Man...
SGA-3386 ETC1-SGA-3386 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4186 SIRENZA-SGA-4186 Datasheet
88Kb / 4P
   DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Stanford Microdevices
SGA-3286 STANFORD-SGA-3286 Datasheet
275Kb / 4P
   DC-5000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com