Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR0320XV6T5 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NSR0320XV6T5
Description  Schottky Barrier Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSR0320XV6T5 Datasheet(HTML) 3 Page - ON Semiconductor

  NSR0320XV6T5 Datasheet HTML 1Page - ON Semiconductor NSR0320XV6T5 Datasheet HTML 2Page - ON Semiconductor NSR0320XV6T5 Datasheet HTML 3Page - ON Semiconductor NSR0320XV6T5 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NSR0320XV6T1
http://onsemi.com
3
PACKAGE DIMENSIONS
SOT−563, 6 LEAD
PLASTIC PACKAGE
CASE 463A−01
ISSUE B
G
M
0.08 (0.003)
X
D 65 PL
C
J
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
DIM
A
MIN
MAX
MIN
MAX
INCHES
1.50
1.70
0.059
0.067
MILLIMETERS
B
1.10
1.30
0.043
0.051
C
0.50
0.60
0.020
0.024
D
0.17
0.27
0.007
0.011
G
0.50 BSC
0.020 BSC
J
0.08
0.18
0.003
0.007
K
S
A
B
Y
12
3
4
5
S
K
0.004
0.012
0.059
0.067
0.10
0.30
1.50
1.70
6
STYLE 5:
PIN 1. CATHODE
2. CATHODE
3. ANODE
4. ANODE
5. CATHODE
6. CATHODE


Similar Part No. - NSR0320XV6T5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSR0320XV6T5 ONSEMI-NSR0320XV6T5 Datasheet
43Kb / 3P
   Schottky Barrier Diode
June, 2004 ??Rev. 3
NSR0320XV6T5G ONSEMI-NSR0320XV6T5G Datasheet
43Kb / 3P
   Schottky Barrier Diode
June, 2004 ??Rev. 3
More results

Similar Description - NSR0320XV6T5

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com