Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC50397CN Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC50397CN
Description  Six Decade Counter / Display Decoder Not Recommended for New Designs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC50397CN Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC50397CN Datasheet HTML 1Page - Micrel Semiconductor MIC50397CN Datasheet HTML 2Page - Micrel Semiconductor MIC50397CN Datasheet HTML 3Page - Micrel Semiconductor MIC50397CN Datasheet HTML 4Page - Micrel Semiconductor MIC50397CN Datasheet HTML 5Page - Micrel Semiconductor MIC50397CN Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
8-4
August 1998
MIC50395/50396/50397
Micrel
General Description
The MIC50395 is an ion-implanted, P-channel MOS six-
decade synchronous up/down-counter/display driver with
compare-register and storage-latches. The counter as well
as the register can be loaded digit-by-digit with BCD data.
The counter has an asynchronous-clear function.
Scanning is controlled by the scan oscillator input which is
self-oscillating or can be driven by an external signal. The
six-decade register is constantly compared to the state of
the six-decade counter and when both the register and the
counter have the same content, an EQUAL signal is gener-
ated. The contents of the counter can be transferred into the
6-digit latch which is then multiplexed from MSD to LSD in
BCD and 7-segment format to the output. The seven-
segment decoder incorporates a leading-zero blanking
circuit which can be disabled by an external signal. This
device is intended to interface directly with the standard
CMOS logic families.
The MIC50396 and MIC50397 operate identically to the
MIC50395 except that two digits in each were reprogrammed
to provide divide by six circuitry instead of divide by ten. The
MIC50396 is well suited for industrial timer applications while
the MIC50397 is best suited for stop watch or real time
computer clock applications.
Features
Single power supply
Schmitt-Trigger on the count-input
Drives common anode or cathode displays (CA with buffer)
Six decades of synchronous up/down counting
Look-ahead carry or borrow
Loadable counter
Loadable compare-register with comparator output
Multiplexed BCD and seven-segment outputs
Internal scan oscillator
Direct LED segment drive
Interfaces directly with CMOS logic
Leading zero blanking
MIC50396 programmed to count time:
– 99 hrs. 59 min. 59 sec.
MIC50397 programmed to count time:
– 59 hrs. 59 min. 99/100 min.
MIC50395/50396/50397
Six Decade Counter / Display Decoder
Pin Connection
Ordering Information
Part Number
Temp. Range
Package
MIC50395CN
0
°C to 70°C
40-pin Plastic DIP
MIC50396CN
0
°C to 70°C
40-pin Plastic DIP
MIC50397CN
0
°C to 70°C
40-pin Plastic DIP
1
40
2
39
3
38
4
37
5
36
6
35
7
34
8
33
9
32
10
31
11
30
12
29
13
28
14
27
15
26
16
25
17
24
18
23
19
22
20
21
UP/DOWN
ZERO
CARRY
COUNT INHIBIT
COUNT
R A
R B
R C
R D
REGISTER
BCD
IN
LOAD COUNTER
LOAD REGISTER
D 6
D 5
D 4
D 3
MSD
DIGIT
D 2
D 1
STROBES
LSD
EQUAL
SCAN
V DD
MIC50395CN
MIC50396CN
MIC50397CN
SET
LZB
a
b
c
d
e
f
g
A
B
C
D
C D
C C
C B
C A
CLEAR
STORE
SEGMENTS
BCD
OUT
COUNTER
BCD
IN
V SS
a
g
d
f
e
b
c
Segment Identification
Not Recommended for New Designs


Similar Part No. - MIC50397CN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC50398 MICREL-MIC50398 Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
MIC50398CN MICREL-MIC50398CN Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
MIC50399CN MICREL-MIC50399CN Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
More results

Similar Description - MIC50397CN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MK50395N ETC2-MK50395N Datasheet
9Mb / 22P
   SIX DECADE COUNTER / DISPLAY DECODER
logo
Micrel Semiconductor
MK50397 MICREL-MK50397 Datasheet
438Kb / 7P
   Six Decade Counter / Display Decoder
MIC50398 MICREL-MIC50398 Datasheet
71Kb / 6P
   Six Decade Counter / Display Decoder
logo
Micro Commercial Compon...
SK12-TP MCC-SK12-TP Datasheet
275Kb / 5P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Quantum Research Group
QT118HA-ISG QUANTUM-QT118HA-ISG Datasheet
213Kb / 12P
   NOT RECOMMENDED FOR NEW DESIGNS
logo
Schurter Inc.
PFRX SCHURTER-PFRX Datasheet
332Kb / 3P
   On phase-out, not recommended for new designs
logo
List of Unclassifed Man...
IMST212 ETC1-IMST212 Datasheet
2Mb / 52P
   TRANSPUTER RECOMMENDED FOR NEW DESIGNS
logo
Micrel Semiconductor
MIC94002 MICREL-MIC94002 Datasheet
37Kb / 2P
   Dual P-Channel MOSFET Not Recommended for New Designs
MIC2525 MICREL-MIC2525 Datasheet
93Kb / 12P
   USB Power Control Switch Not Recommended for New Designs
MIC2524 MICREL-MIC2524 Datasheet
100Kb / 12P
   Quad USB Power Control Switch Not Recommended for New Designs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com