Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2555YML-1 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2555YML-1
Description  USB - OTG Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555YML-1 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2555YML-1 Datasheet HTML 1Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 2Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 3Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 4Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 5Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 6Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 7Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 8Page - Micrel Semiconductor MIC2555YML-1 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Micrel, Inc.
MIC2555
June 2005
5
M9999-060805
(408) 955-1690
Absolute Maximum Ratings
(1)
Power Supply Voltage:
VBAT, GPIO- ................................................. -0.3V to +6.0V
VDD_LGC ......................................... –0.3V to +6.0V and ≤ VBAT
USB Bus Voltage
VBUS ......................................................................–0.3V to +6.0V
VDD_LGC .........................................–0.3V to +6.0V and ≤ VBUS
Voltage On Any Other Pin............................ –0.3V to +4.5V
Current Into/Out of Any Pin .......................................
±10mA
Junction Temperature ................................................ 150°C
Storage Temperature .................................–65°C to +150°C
ESD Ratings:..............................................VBUS, D+, D, ID
Human Body Model .............................................. 15 kV
ESD Ratings:................................................... All other pins
Human Body Model ................................................ 2 kV
Operating Ratings
(2)
Power Supply Voltage:
VBUS.......................................................... 4.4V to 5.25V
VBAT............................................................ 3.0V to 4.5V
Operating Temperature................................ –40°C to +85°C
Package Thermal Resistance .................................. 49°C/W
Electrical Characteristics
(3)
Test condition is 25°C unless otherwise specified. Bold indicates -40°C + 85°C,
VBAT = 3.6V, VDD_LGC = 3.6V, VBUS = 5.0V, VTRM = 1µF, C+ = 0.22µF, C++ = 220µF, CVBUS = 10µF
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supplies
VBAT
System Supply Voltage
3.0
4.5
V
VDD_LGC
Logic Supply Voltage
1.6
VBAT
V
VTRM
Termination Voltage (internal
supply voltage)
ITRM ≤ 2.5mA, 3.0 < VBAT < 3.6V
2.8
3.3
3.6
V
IBAT_PD
System Supply Current
Power Down mode
13
20
µA
IBAT_SUS
System Supply Current
Suspend mode
140
250
µA
IBAT_FS_I
System Supply Current
Full Speed, Idle, D+ ≥ 2.8V, D- ≤ 0.3V, IVBUS
= 0mA
2.8
5.0
mA
IBAT_FS_HC
System Supply Current
Full Speed Transmitting 12Mb/s,
CLOAD ≤ 350pF on D+, D-, IVBUS = 0mA
17
40
mA
IBAT_FS_LC
System Supply Current
Full Speed Transmitting 12Mb/s,
CL = 50pF on D+,D-, IVBUS = 0mA
2.5
6
mA
IBAT_LS_HC
System Supply Current
Low Speed Transmitting 1.5Mb/s,
CL = 350pF on D+,D-, IVBUS = 0mA
6.5
12
mA
IVBUS_S
Current drawn by System
from VBUS
Suspend mode, OE_INT/ = 1
80
100
µA
IVDD_LGC
Current drawn by System for
core logic
OE_INT/ = 1
7
15
µA
Charge Pump and VBUS
VBUS_ OUT
Voltage Output to VBUS
IBUS = 10mA, VBAT = 3.0V
4.4
5.0
5.25
V
IVBUS
VBUS Output Current
4.4V ≤ VBUS ≤ 5.25V
10
27
mA
RVBUS_PU
B device SRP Pull-up
Resistor on VBUS
Pull-up voltage = VTRM
281
1300
7500
RVBUS_PD
B device SRP Pull-down
Resistor on VBUS
Pull-down to GND
675
2300
7500


Similar Part No. - MIC2555YML-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0BML MICREL-MIC2555-0BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0YML MICREL-MIC2555-0YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1BML MICREL-MIC2555-1BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1YML MICREL-MIC2555-1YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
More results

Similar Description - MIC2555YML-1

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Texas Instruments
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
   STOTG04 USB OTG full-speed
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com