Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2555YML-0 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2555YML-0
Description  USB - OTG Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555YML-0 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2555YML-0 Datasheet HTML 1Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 2Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 3Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 4Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 5Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 6Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 7Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 8Page - Micrel Semiconductor MIC2555YML-0 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Micrel, Inc.
MIC2555
June 2005
3
M9999-060805
(408) 955-1690
Pin Description
Pin Number
Type
Pin Name
Pin Description
1
O
RCV
Output from differential receiver.
2
I/O
SE0_VM_TX
= SE0 in USB DAT-SE0 mode
= VM in VP-VM mode.
= UART Transmit output when in UART Mode
See figures 1 and 2 on page 4
3
I/O
DAT_VP_RX
= DAT in USB DAT-SE0 mode.
= VP in VP-VM mode
= UART Receive input when in UART mode
See figures 1 and 2 on page 4
4
I/O
OE_INT/
A Multi-mode pin controlling various functions in conjunction with
control register bits. A logic LOW on this pin gives the following
results:
= OE (Output Enable): Enables D+, D- as USB outputs.
= INT/ (Interrupt): Active LOW output when register bits ‘suspend’ and
‘oe_int_en’ both = 1.
5
O
INT/
Interrupt (bar). Open Drain Active LOW output. May be wire-ORed
with other interrupt signals.
6
I/O
GPIO_0_RX
= General purpose I/O. Open drain output.
= Alternate UART Receive input.
See figures 1 and 2 on page 4
7
I/O
GPIO_1_TX
= General purpose I/O. Open drain output.
= Alternate UART Transmit output.
See figures 1 and 2 on page 4
8
I/O
SCL
I
2C Clock
9
I/O
SDA
I
2C Data
10
I
ADR_0
Sets Address bit A0 of I
2C controller. This pin is a digital input and
must not be left floating.
11
I
RESET/
System reset. Active LOW.
12
I/O
GPIO_2
General purpose I/O. Open drain output.
13
I/O
GND_D
System Digital ground.
14
I/O
ID
Identification input. Monitors the ID pin of the USB connector and
indicates both the presence of a device and type (USB or not USB).
15
I/O
D+
= USB D+ when in USB mode.
= UART Receive in UART mode.
= Right Speaker audio output in stereo mode.
= Microphone signal from Car Kit.
16
I/O
D-
= USB D- when in USB mode.
= UART Transmit out in UART mode.
= Left Speaker audio output in stereo mode.
= Monaural audio output to Car Kit.
17
I/O
VBUS
USB 5V power.
18
I/O
VTRM
Internal 3.3V supply. Sets USB signal levels.
19
I
CAP++
Positive lead for charge pump reservoir capacitor.
20
I
CAP+
Positive lead for charge pump capacitor.
21
I
VBAT
Positive voltage from battery. Supplies power to MIC2555 internal
circuitry and power for charge pump when driving VBUS.
22
I
CAP-
Negative lead for charge pump capacitor.
23
I
GND_A
Analog ground. Isolated Charge Pump ground.
24
I
VDD_LGC
Logic supply voltage. Used to set logic levels between MIC2555 and
System Controller / ASIC.


Similar Part No. - MIC2555YML-0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0BML MICREL-MIC2555-0BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-0YML MICREL-MIC2555-0YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1BML MICREL-MIC2555-1BML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
MIC2555-1YML MICREL-MIC2555-1YML Datasheet
277Kb / 29P
   USB ??OTG Transceiver
More results

Similar Description - MIC2555YML-0

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555_06 Datasheet
277Kb / 29P
   USB ??OTG Transceiver
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Texas Instruments
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
   STOTG04 USB OTG full-speed
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com