Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRS3200T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRS3200T3
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3200T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MBRS3200T3 Datasheet HTML 1Page - ON Semiconductor MBRS3200T3 Datasheet HTML 2Page - ON Semiconductor MBRS3200T3 Datasheet HTML 3Page - ON Semiconductor MBRS3200T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 3
1
Publication Order Number:
MBRS3200T3/D
MBRS3200T3
Surface Mount
Schottky Power Rectifier
This device employs the Schottky Barrier principle in a large area
metal−to−silicon power diode. State−of−the−art geometry features
epitaxial construction with oxide passivation and metal overlay
contact. Ideally suited for low voltage, high frequency rectification, or
as free wheeling and polarity protection diodes in surface mount
applications where compact size and weight are critical to the system.
Features
Small Compact Surface Mountable Package with J−Bend Leads
Rectangular Package for Automated Handling
Highly Stable Oxide Passivated Junction
Very High Blocking Voltage − 200 V
150°C Operating Junction Temperature
Guard−Ring for Stress Protection
Pb−Free Package is Available
Mechanical Charactersistics
Case: Epoxy, Molded, Epoxy Meets UL 94, V−0
Weight: 95 mg (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Cathode Polarity Band
Device Meets MSL 1 Requirements
ESD Ratings: Machine Model = A
ESD Ratings: Human Body Model = 1C
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
200
V
Average Rectified Forward Current
(TL = 120 °C)
IF(AV)
3.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
100
A
Operating Junction Temperature
TJ
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
Device
Package
Shipping
ORDERING INFORMATION
SMB
CASE 403A
PLASTIC
MBRS3200T3
SMB
2500/Tape & Reel
SCHOTTKY BARRIER
RECTIFIER
3.0 AMPERE
200 VOLTS
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MBRS3200T3G
SMB
(Pb−Free)
2500/Tape & Reel
B320
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
AYWW
B320
G
G
MARKING DIAGRAM


Similar Part No. - MBRS3200T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS3200T3G ONSEMI-MBRS3200T3G Datasheet
96Kb / 4P
   Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
MBRS3200T3G ONSEMI-MBRS3200T3G Datasheet
102Kb / 4P
   Surface Mount Schottky Power Rectifier
October, 2013 ??Rev. 6
MBRS3200T3G ONSEMI-MBRS3200T3G_13 Datasheet
102Kb / 4P
   Surface Mount Schottky Power Rectifier
October, 2013 ??Rev. 6
More results

Similar Description - MBRS3200T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com