Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F949 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F949
Description  16-bit Proprietary Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F949 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F949 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F949 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
MB90945 Series
3
■ PRODUCT LINEUP
(Continued)
Part Number
Parameter
MB90947A
MB90F946A
MB90F947, MB90F947A
MB90F949, MB90F949A
MB90V390HA
MB90V390HB
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, ×6, 1/2 when PLL stops)
Minimum instruction execution time : 42 ns (4 MHz oscillation clock, PLL clock
multiplied by 6)
ROM
ROM memory
128 Kbytes
Boot-block
Flash memory
384 Kbytes
Boot-block
Flash memory
256 Kbytes: MB90F949
MB90F949A
128 Kbytes: MB90F947
MB90F947A
External
RAM
6 Kbytes
16 Kbytes
12 Kbytes: MB90F949
MB90F949A
6 Kbytes:
MB90F947
MB90F947A
30 Kbytes
Emulator-specific
power supply*1
Yes
Technology
0.35
µm CMOS with
on-chip voltage
regulator for internal
power supply
0.35
µm CMOS with on-chip voltage regulator
for internal power supply
+ Flash memory
with on-chip charge pump for programming
voltage
0.35
µm CMOS with
on-chip voltage
regulator for internal
power supply
Operating
voltage range
3.5 V to 5.5 V : other than conditions listed below
4.0 V to 5.5 V : when writing to Flash
4.5 V to 5.5 V : if A/D Converter is used
5 V
± 10%
Temperature range
−40 °C to +105 °C
Package
QFP-100P
PGA-299C
UART
1 channel
2 channels
Full duplex double buffer
Supports asynchronous/synchronous (with start/stop bit) transfer
Baud rate : 4808/9615/10417/19230/38460/62500/500000 bps (asynchronous)
500 K/1 M/2 Mbps (synchronous) at System clock
= 20 MHz
UART
(LIN/SCI/SPI)
1 channel
2 channels
1 channel
2 channels
Serial I/O
1 channel
Transfer can be started from MSB or LSB
Supports internal clock synchronized transfer and external clock synchronized transfer
Supports positive-edge and negative-edge clock synchronization
Baud rate : 31.25 K/62.5 K/125 K/500 K/1 Mbps at System clock
= 20 MHz
I2C (400 Kbps)
1 channel


Similar Part No. - MB90F949

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F949A FUJITSU-MB90F949A Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F949APF FUJITSU-MB90F949APF Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F949

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com