Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2052-11I625.0000 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # M2052-11I625.0000
Description  SAW PLL FOR 10GBE 64B/66B FEC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2052-11I625.0000 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button M2052-11I625.0000 Datasheet HTML 4Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 5Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 6Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 7Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 8Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 9Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 10Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 11Page - Integrated Circuit Systems M2052-11I625.0000 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
M2050/51/52 Datasheet Rev 1.0
8 of 12
Revised 23Jun2005
Integrate d Circu it Systems, Inc. ● Communications Modules ● www.ics t.com ● tel (508) 852-5400
Integrated
Circuit
Systems, Inc.
M2050/51/52
SAW PLL FOR 10GBE 64B/66B FEC
Preliminar y In f o r m atio n
External Loop Filter
To provide stable PLL operation, the M2050/51/52
requires the use of an external loop filter. This is
provided via the provided filter pins (see Figure 5).
Due to the differential signal path design, the
implementation requires two identical complementary
RC filters as shown here.
Figure 5: External Loop Filter
PLL bandwidth is affected by the “Mfec” value and the
“Mfin” value, as well as the VCSO frequency. The
FEC_SEL
setting can be used to actively change PLL loop
bandwidth in a given application. See “Mfec and Rfec
Divider Look-Up Tables (LUTs)” on pg. 3.
See Tables 9, 10, and 11, Example External Loop Filter
Component Values, on pg. 8.
PLL Simulator Tool Available
A free PC software utility is available on the ICS website
(www.icst.com). The M2000 Timing Modules PLL
Simulator is a downloadable application that simulates
PLL jitter and wander transfer characteristics. This
enables the user to set appropriate external loop
component values in a given application.
Refer to the M2050/51/52 product web page at
www.icst.com/products/summary/m2050-2052.htm
for additional product information.
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
6
7
5
49
8
Example External Loop Filter Component Values
for M2050-11-644.5313 and M2050-11-669.6429
VCSO Parameters: KVCO = 800kHz/V, RIN = 100kΩ (pin NBW = 0), VCSO Bandwidth = 700kHz.
Device Configuration
Example Loop Filter Component Values
Nominal Performance With Values
F Ref
(MHz)
F VCSO
(MHz)
FIN_
FEC_
... SEL1:0
Mfin M R
Phase Det.
Freq. (MHz)
R Loop
C Loop
R Post
C Post
PLL Loop
Bandwidth
Damping
Factor
Passband
Peaking (dB)
Post Filter
Bandwidth
125.00
644.5313 0 1 0 0 5 33 32
3.9063
61.9k
1.0µF 59.0kΩ 1000pF 577Hz 6.8
0.043
2.7kHz
125.00
669.6429 0 1 1 0 5 15 14
8.9286
44.2k
1.0µF 38.3kΩ 1000pF 908Hz 7.2
0.039
4.1kHz
Table 9: Example External Loop Filter Component Values for M2050-11-644.5313 and M2050-11-669.6429
Example External Loop Filter Component Values
for M2051-11-625.0000
VCSO Parameters: KVCO = 800kHz/V, RIN = 100kΩ (pin NBW = 0), VCSO Bandwidth = 700kHz.
Device Configuration
Example Loop Filter Component Values
Nominal Performance With Values
F Ref
(MHz)
F VCSO
(MHz)
FIN_
FEC_
...SEL1:0
Mfin M R
Phase Det.
Freq. (MHz)
R Loop
C Loop
R Post
C Post
PLL Loop
Bandwidth
Damping
Factor
Passband
Peaking (dB)
Post Filter
Bandwidth
644.5313 625.0000 1 1 0 0
32 33 19.5313
28.0k
1.0µF 15.0kΩ 1000pF 1.25kHz 7.0
0.04
10.6kHz
Table 10: Example External Loop Filter Component Values for M2051-11-625.0000
Example External Loop Filter Component Values1
for M2052-11-644.5313
VCSO Parameters: KVCO = 800kHz/V, RIN = 100kΩ (pin NBW = 0), VCSO Bandwidth = 700kHz.
Device Configuration
Example Loop Filter Component Values
Nominal Performance With Values
F Ref
(MHz)
F VCSO
(MHz)
FIN_
FEC_
...SEL1:0
Mfin M R
Phase Det.
Freq. (MHz)
R Loop
C Loop
R Post
C Post
PLL Loop
Bandwidth
Damping
Factor
Passband
Peaking (dB)
Post Filter
Bandwidth
693.4830 644.5313 1 1 0 0 1 79 85
8.1586
51.0k
1.0µF 33.2kΩ 1000pF 986Hz 8.1
0.031
4.8kHz
Table 11: Example External Loop Filter Component Values for M2052-11-644.5313
Note 1: K
VCO , VCSO Bandwidth, Mfin x Mfec Divider Value, and External Loop Filter Component Values determine Loop Bandwidth, Damping
Factor, and Passband Peaking. For PLL Simulator software, go to www.icst.com.


Similar Part No. - M2052-11I625.0000

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
More results

Similar Description - M2052-11I625.0000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
   Ininiium 64b/66b 10Gbase-KR
logo
Integrated Circuit Syst...
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Advantech Co., Ltd.
RTM-5106 ADVANTECH-RTM-5106_15 Datasheet
269Kb / 2P
   Octal 10GbE RTM for MIC-5333
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
   Caps to Holder FEC
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com