Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F947A Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F947A
Description  16-bit Proprietary Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F947A Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F947A Datasheet HTML 7Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 8Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 9Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 10Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 11Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 12Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 13Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 14Page - Fujitsu Component Limited. MB90F947A Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
MB90945 Series
11
(Continued)
Pin no.
Pin name
Circuit type
Function
60
P95
D
General purpose I/O
SOT3
SOT output for UART3 (LIN/SCI/SPI)
61
P94
D
General purpose I/O
SCK3
SCK input/output for UART3 (LIN/SCI/SPI)
62
P91
D
General purpose I/O
SCK2
SCK input/output for UART 2 (LIN/SCI/SPI) (only MB90V390HA,
MB90V390HB and MB90F946A)
63
P92
D
General purpose I/O
SOT2
SOT output for UART 2 (LIN/SCI/SPI) (only MB90V390HA,
MB90V390HB and MB90F946A)
64
P96
D
General purpose I/O
67 to 74
PA0 to PA7
H
General purpose I/O. For the EVA device, these pins are high
current outputs.
75, 76
P80, P81
H
General purpose I/O. For the EVA device, these pins are high
current outputs.
32
AVCC
Dedicated power supply pin (5 V) for the A/D converter
33
AVRH
Dedicated pos. reference voltage pin for the A/D converter
34
AVRL
Dedicated neg. reference voltage pin for the A/D converter
35
AVss
Dedicated power supply pin (0 V) for the A/D converter
52, 53
MD1, MD0
C
These are input pins used to designate the operating mode. They
should be connected directly to VCC or VSS.
51
MD2
G
This is an input pin used to designate the operating mode. It
should be connected directly to VCC or VSS.
15
65
90
Vcc
These are power supply (5 V) input pins. For the EVA device, pin
65 is the DVCC supply pin for the high current outputs.
16
44
66
91
Vss
These are power supply (0 V) input pins. For the EVA device, pin
66 is the DVSS supply pin for the high current outputs.
17
C
This is the power supply stabilization capacitor pin. It should be
connected to higher than or equal to 0.1
µF ceramic capacitor.


Similar Part No. - MB90F947A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F947A FUJITSU-MB90F947A Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
MB90F947APF FUJITSU-MB90F947APF Datasheet
1Mb / 72P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F947A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com