Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2050-11I644.5313 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # M2050-11I644.5313
Description  SAW PLL FOR 10GBE 64B/66B FEC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2050-11I644.5313 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button M2050-11I644.5313 Datasheet HTML 4Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 5Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 6Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 7Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 8Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 9Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 10Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 11Page - Integrated Circuit Systems M2050-11I644.5313 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
M2050/51/52 Datasheet Rev 1.0
9 of 12
Revised 23Jun2005
Integ r ated Circuit Systems, Inc. ● Communications Modules ● www.ics t.com ● tel (508) 852-5400
M2050/51/52
SAW PLL FOR 10GBE 64B/66B FEC
Preliminar y In f o r m atio n
Integrated
Circuit
Systems, Inc.
ABSOLUTE MAXIMUM RATINGS1
Symbol Parameter
Rating
Unit
V
I
Inputs
-0.5 to V
CC +0.5
V
V
O
Outputs
-0.5 to V
CC +0.5
V
V
CC
Power Supply Voltage
4.6
V
T
S
Storage Temperature
-45 to +100
oC
Table 12: Absolute Maximum Ratings
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the
device. These ratings are stress specifications only. Functional operation of product at these conditions
or any conditions beyond those listed in Recommended Conditions of Operation, DC Characteristics, or
AC Characteristics is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
RECOMMENDED CONDITIONS OF OPERATION
Symbol Parameter
Min
Typ
Max
Unit
V
CC
Positive Supply Voltage
3.135
3.3
3.465
V
T
A
Ambient Operating Temperature
Commercial
0
+70
oC
Industrial
-40
+85
oC
Table 13: Recommended Conditions of Operation


Similar Part No. - M2050-11I644.5313

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M2059 MTRONPTI-M2059 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
More results

Similar Description - M2050-11I644.5313

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
   Ininiium 64b/66b 10Gbase-KR
logo
Integrated Circuit Syst...
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Advantech Co., Ltd.
RTM-5106 ADVANTECH-RTM-5106_15 Datasheet
269Kb / 2P
   Octal 10GbE RTM for MIC-5333
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
   Caps to Holder FEC
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com