Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M2051-11I625.0000 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # M2051-11I625.0000
Description  SAW PLL FOR 10GBE 64B/66B FEC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M2051-11I625.0000 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  M2051-11I625.0000 Datasheet HTML 1Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 2Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 3Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 4Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 5Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 6Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 7Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 8Page - Integrated Circuit Systems M2051-11I625.0000 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M2050/51/52 Datasheet Rev 1.0
Revised 23Jun2005
Integ r ated Circu it Systems, Inc. ● Communicatio ns Module s ● www.ics t.com ● te l (508) 852-5400
M2050/51/52
SAW PLL FOR 10GBE 64B/66B FEC
Integrated
Circuit
Systems, Inc.
Prelimina r y Inf o r m ation
GENERAL DESCRIPTION
The M2050/51/52 is a VCSO (Voltage Controlled SAW
Oscillator) based clock PLL
designed for FEC clock ratio
translation in 10Gb optical systems
such as 10GbE 64b/66b. It supports
both mapping and de-mapping of
64b/66b encoding and FEC
(Forward Error Correction) clock
multiplication ratios. The ratios are pin-selected from
pre-programming look-up tables.
FEATURES
◆ Integrated SAW delay line; Output of 15 to 700 MHz *
◆ Low phase jitter < 0.5 ps rms typical
(12kHz to 20MHz or 50Hz to 80MHz)
◆ Pin-selectable PLL divider ratios support 64b/66b and
FEC encoding/decoding ratios:
• M2050: Map 10GbE to LAN, 255/238 FEC, or 255/237 FEC
• M2051: De-map 10GbE LAN or 255/238 FEC to 10GbE
• M2052: De-map 255/237 FEC & 255/238 FEC to 10GbE LAN
◆ Scalable dividers provide further adjustment of loop
bandwidth as well as jitter tolerance
◆ LVPECL clock output (CML and LVDS options available)
◆ Reference clock inputs support differential LVDS,
LVPECL, as well as single-ended LVCMOS, LVTTL
◆ Loss of Lock (LOL) output pin
◆ Narrow Bandwidth control input (NBW Pin)
◆ Hitless Switching (HS) options with or without Phase
Build-out (PBO) available; performance conforms with
SONET (GR-253) /SDH (G.813) MTIE and TDEV during
reference clock reselection
◆ Single 3.3V power supply
◆ Small 9 x 9 mm SMT (surface mount) package
PIN ASSIGNMENT (9 x 9 mm SMT)
Figure 1: Pin Assignment
* Specify VCSO center frequency at time of order.
SIMPLIFIED BLOCK DIAGRAM
Figure 2: Simplified Block Diagram
Example I/O Clock Frequency Combinations
Using M2050 Mapper PLL
Base Input
Rate (MHz)1
Note 1: Input reference clock can be base rate divided by “Mfin”.
Mapper Ratio
Mfec / Rfec
(Pin Selectable)
VCSO* and Base
Output Rate
(MHz)2
Note 2: Output rate can be base rate divided by “P”.
625.0000
33 / 32
644.5313
625.0000
15 / 14
669.6429
644.5313
15 / 14
690.5692
Table 1: Example I/O Clock Frequency Combinations
M 2050
M 2051
M 2052
( T op View )
18
17
16
15
14
13
12
11
10
28
29
30
31
32
33
34
35
36
P_SEL0
P_SEL1
nFOUT0
FOUT0
GND
nFOUT1
FOUT1
VCC
GND
FIN_SEL0
FEC_SEL0
FEC_SEL1
LOL
NBW
VCC
DNC
DNC
DNC
NBW
M2050, 51, 52
Phase
Detector
FOUT0
nFOUT0
FEC_SEL1:0
FIN_SEL1:0
Rfec
Div
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
Mfin Divider
LUT
Mfin Divider
(1, 4, 5, 25)
P_SEL2:0
DIF_REF1
nDIF_REF1
LOL
VCSO
Loop
Filter
TriState
FOUT1
nFOUT1
P Divider
LUT
P Divider
(1, 4, 5, 25 or TriState)
Mfec and Rfec
Divider
LUT
Mfec Div
3
2
2
M2050/51/52 SAW PLL for 10GbE 64b/66b FEC


Similar Part No. - M2051-11I625.0000

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M2052 MTRONPTI-M2052 Datasheet
864Kb / 6P
   5 x 7 mm, 3.0, 3.3 & 3.6 Volt, HCMOS/TTL
M2058 MTRONPTI-M2058 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
M2059 MTRONPTI-M2059 Datasheet
323Kb / 6P
   LVPECL/LVDS Differential Output
More results

Similar Description - M2051-11I625.0000

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
   Ininiium 64b/66b 10Gbase-KR
logo
Integrated Circuit Syst...
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
logo
Advantech Co., Ltd.
RTM-5106 ADVANTECH-RTM-5106_15 Datasheet
269Kb / 2P
   Octal 10GbE RTM for MIC-5333
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
logo
Schurter Inc.
FEC SCHURTER-FEC Datasheet
525Kb / 3P
   Caps to Holder FEC
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com