Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1033-11I155.5200 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # M1033-11I155.5200
Description  VCSO BASED CLOCK PLL WITH AUTOSWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

M1033-11I155.5200 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  M1033-11I155.5200 Datasheet HTML 1Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 2Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 3Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 4Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 5Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 6Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 7Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 8Page - Integrated Circuit Systems M1033-11I155.5200 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
M1033/34 Datasheet Rev 1.0
3 of 14
Revised 07Apr2005
Integr ated Circuit Systems , Inc. Netw o r ki ng & C o mmun ica t io ns ww w. icst.com tel (5 08) 85 2-54 00
M1033/34
VCSO BASED CLOCK PLL WITH AUTOSWITCH
Prod uct Data Sh eet
Integrated
Circuit
Systems, Inc.
DETAILED BLOCK DIAGRAM
Figure 3: Detailed Block Diagram
DIVIDER SELECTION TABLES
M and R Divider Look-Up Tables (LUT)
The MR_SEL3:0 pins select the feedback and reference
divider values M and R to enable adjustment of loop
bandwidth and jitter tolerance. The look-up tables vary
by device variant. M1033 and M1034 are defined in
Tables 3 and 4 respectively.
M1033 M/R Divider LUT
Tables 3 and 4 provide example Fin and phase
detector frequencies with 155.52MHz VCSO
devices (M1033-11-155.5200 and M1034-11-155.5200).
See “Ordering Information” on pg. 14.
M1034 M/R Divider LUT
Phase
Locked
Loop
(PLL)
SAW Delay Line
Phase
Shifter
VCSO
C
POST
C
POST
VC
nVC
R
POST
nOP_OUT
OP_OUT
R
POST
R
LOOP
R
LOOP
C
LOOP
C
LOOP
OP_IN
nOP_IN
PLL
Phase
Detector
Loop Filter
Amplifier
External
Loop Filter
Components
M Divider
R
IN
R
IN
FOUT
nFOUT
P Divider
LUT
P Divider
(1, 2, or TriState)
TriState
P_SEL1:0
NBW
MR_SEL3:0
R Div
MUX
0
REF_SEL
DIF_REF0
nDIF_REF0
1
M / R Divider
LUT
Auto
Ref Sel
1
0
REF_ACK
AUTO
4
Activity
Detector
DIF_REF1
nDIF_REF1
Activity
Detector
LOR
2
0
1
M1033/34
MR_SEL3:0
M Div R Div
Total
PLL
Ratio
Fin for
155.52MHz
VCSO (MHz)
Phase Det.
Freq. for
155.52MHz
VCSO (MHz)
0 0 0 0
8
1
8
19.44
19.44
0 0 0 1
32
4
8
19.44
4.86
0 0 1 0
128
16
8
19.44
1.215
0 0 1 1
512
64
8
19.44
0.30375
0 1 0 0
2
1
2
77.76
77.76
0 1 0 1
8
4
2
77.76
19.44
0 1 1 0
32
16
2
77.76
4.86
0 1 1 1
128
64
2
77.76
1.215
1 0 0 0
1
1
1
155.52
155.52
1 0 0 1
4
4
1
155.52
38.88
1 0 1 0
16
16
1
155.52
9.72
1 0 1 1
64
64
1
155.52
2.43
1 1 0 0
Test Mode1
Note 1: Factory test mode; do not use.
N/A
N/A
N/A
1 1 0 1
1
4
0.25
622.08
155.52
1 1 1 0
4
16
0.25
622.08
38.88
1 1 1 1
16
64
0.25
622.08
9.72
Table 3: M1033 M/R Divider LUT
MR_SEL3:0
M Div R Div
Total
PLL
Ratio
Fin for
155.52MHz
VCSO (MHz)
Phase Det.
Freq. for
155.52MHz
VCSO (MHz)
0 0 0 0
4
1
4
38.88
38.88
0 0 0 1
16
4
4
38.88
9.72
0 0 1 0
64
16
4
38.88
2.43
0 0 1 1
256
64
4
38.88
0.6075
0 1 0 0
2
1
2
77.76
77.76
0 1 0 1
8
4
2
77.76
19.44
0 1 1 0
32
16
2
77.76
4.86
0 1 1 1
128
64
2
77.76
1.215
1 0 0 0
1
1
1
155.52
155.52
1 0 0 1
4
4
1
155.52
38.88
1 0 1 0
16
16
1
155.52
9.72
1 0 1 1
64
64
1
155.52
2.43
1 1 0 0
Test Mode1
Note 1: Factory test mode; do not use.
N/A
N/A
N/A
1 1 0 1
1
4
0.25
622.08
155.52
1 1 1 0
4
16
0.25
622.08
38.88
1 1 1 1
16
64
0.25
622.08
9.72
Table 4: M1034 M/R Divider LUT


Similar Part No. - M1033-11I155.5200

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
M1030-2R5605-R COOPER-M1030-2R5605-R Datasheet
253Kb / 2P
   Supercapacitors
logo
Eaton All Rights Reserv...
M1030-2R5605-R EATON-M1030-2R5605-R Datasheet
347Kb / 3P
   Cylindrical cells
logo
List of Unclassifed Man...
M10372 ETC2-M10372 Datasheet
947Kb / 2P
   GPS RADIONOVA짰 M10372 RF antenna module
M10382 ETC2-M10382 Datasheet
6Mb / 27P
   GPS RADIONOVA RF Antenna Module
More results

Similar Description - M1033-11I155.5200

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
M1025 ICST-M1025 Datasheet
340Kb / 14P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M1040 ICST-M1040 Datasheet
436Kb / 12P
   VCSO BASED CLOCK PLL WITH AUTOSWITCH
M2020-2021 ICST-M2020-2021 Datasheet
431Kb / 10P
   VCSO BASED CLOCK PLL
M2006-02A ICST-M2006-02A Datasheet
391Kb / 8P
   VCSO BASED FEC CLOCK PLL
M2080-2087 ICST-M2080-2087 Datasheet
501Kb / 14P
   VCSO FEC PLL WITH AUTOSWITCH FOR SONET/OTN
M2006-12A ICST-M2006-12A Datasheet
419Kb / 10P
   VCSO BASED FEC CLOCK PLL WITH HITLESS SWITCHING
M2006-02 ICST-M2006-02 Datasheet
83Kb / 1P
   VCSO BASED FEC CLOCK PLL / HITLESS SWITCHING OPTION
M906-01 ICST-M906-01 Datasheet
352Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M902-01 ICST-M902-01 Datasheet
328Kb / 8P
   VCSO BASED GBE CLOCK GENERATOR
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
   VCSO BASED CLOCK JITTER ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com