Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M66222FP Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # M66222FP
Description  128 x 8-BIT x 2 MAIL-BOX
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M66222FP Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  M66222FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M66222FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M66222FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M66222FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M66222FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M66222FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M66222FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M66222FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MITSUBISHI
〈DIGITAL ASSP〉
M66222SP/FP
128
× 8-BIT × 2 MAIL-BOX
4
ABSOLUTE MAXIMUM RATINGS (Ta = 0 ~ 70
°C, unless otherwise noted)
Symbol
VCC
VI
VO
Pd
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Maximum power dissipation
Storage temperature range
Conditions
When defining GND pin as a
reference.
Ta = 25
°C
Ratings
–0.3 ~ +7.0
–0.3 ~ VCC + 0.3
0 ~ VCC
700
–65 ~ 150
Unit
V
V
V
mW
°C
RECOMMENDED OPERATING CONDITIONS
Symbol
VCC
GND
VI
Topr
Parameter
Supply voltage
Ground
Input voltage
Operating temperature range
Unit
V
V
V
°C
Limits
Min.
4.5
0
0
Typ.
5.0
0
Max.
5.5
VCC
70
ELECTRICAL CHARACTERISTICS (Ta = 0 ~ 70
°C, Vcc=5V±10%, unless otherwise noted)
Test conditions
IOH = –2mA
IOL = 4mA
VI = VCC
VI = GND
CS = VIH or OE = VIH
VO = VCC
CS = VIH or OE = VIH
VO = GND
CS < 0.2V,
Another input VIN > VCC – 0.2V
or VIN < 0.2V, Output pin open
CSA, CSB = VIH
CSA or CSB = VIH
IOUT = 0mA
(Active port output pin open)
CSA, CSB > VCC – 0.2V
Another input VIN > VCC – 0.2V
or VIN < 0.2V
CSA or CSB > VCC – 0.2V
Another input VIN > VCC – 0.2V
or VIN < 0.2V, IOUT = 0mA
(Active port output pin open)
Symbol
VIH
VIL
VOH
VOL
IIH
IIL
IOZH
IOZL
ICC
ISB1
ISB2
ISB3
ISB4
CI
CO
Parameter
“H” input voltage
“L” input voltage
“H” output voltage
“L” output voltage
“H” input current
“L” input current
Off state “H” output current
Off state “L” output current
Static current dissipation (active)
Two-port stand-by
One-port stand-by
Two-port full stand-by
One-port full stand-by
Input capacitance
Output capacitance in off state
Unit
V
V
V
V
µA
µA
µA
µA
mA
mA
mA
mA
mA
pF
pF
Limits
Min.
2.2
–0.3
2.4
Typ.
Max.
VCC+0.3
0.8
0.5
10.0
–10.0
10.0
–10.0
60
5
60
0.1
30
10
15
Notes 3: The direction in which current flows into the IC is defined as positive (no sign).
4: The above typical values are standard values for VCC=5V and Ta=25
°C.


Similar Part No. - M66222FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66222SP RENESAS-M66222SP Datasheet
1Mb / 9P
   128*8-BIT*2 MAIL-BOX
More results

Similar Description - M66222FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66222SP RENESAS-M66222SP Datasheet
1Mb / 9P
   128*8-BIT*2 MAIL-BOX
logo
Mitsubishi Electric Sem...
M66220SP MITSUBISHI-M66220SP Datasheet
138Kb / 11P
   256 x 8-BIT MAIL-BOX
M66221SP MITSUBISHI-M66221SP Datasheet
119Kb / 11P
   256 x 9-BIT MAIL-BOX
logo
Renesas Technology Corp
M66220SP RENESAS-M66220SP Datasheet
2Mb / 12P
   256*8-BIT MAIL-BOX
logo
Xicor Inc.
X76F100 XICOR-X76F100 Datasheet
275Kb / 16P
   1K 128 x 8 Bit
logo
Toshiba Semiconductor
TC9WMB1FK TOSHIBA-TC9WMB1FK Datasheet
158Kb / 15P
   1024-Bit (128 x 8 Bit) / 2048-Bit (256 x 8 Bit) 2-Wire Serial E2PROM
logo
ATMEL Corporation
AT88SC1616C ATMEL-AT88SC1616C Datasheet
176Kb / 11P
   8 x 128 x 16 CryptoMemory?
logo
Hitachi Semiconductor
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
   1 M SRAM (128-kword x 8-bit)
logo
Intersil Corporation
CDP1823 INTERSIL-CDP1823 Datasheet
28Kb / 7P
   128-Word x 8-Bit LSI Static RAM
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com