Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UN2213 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UN2213
Description  Silicon NPN epitaxial planer transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UN2213 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UN2213 Datasheet HTML 1Page - Panasonic Semiconductor UN2213 Datasheet HTML 2Page - Panasonic Semiconductor UN2213 Datasheet HTML 3Page - Panasonic Semiconductor UN2213 Datasheet HTML 4Page - Panasonic Semiconductor UN2213 Datasheet HTML 5Page - Panasonic Semiconductor UN2213 Datasheet HTML 6Page - Panasonic Semiconductor UN2213 Datasheet HTML 7Page - Panasonic Semiconductor UN2213 Datasheet HTML 8Page - Panasonic Semiconductor UN2213 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Transistors with built-in Resistor
s Electrical Characteristics (Ta=25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector cutoff current
ICBO
VCB = 50V, IE = 0
0.1
µA
ICEO
VCE = 50V, IB = 0
0.5
µA
UN2211
0.5
UN2212/2214/221E/221D/221M/221N/221T
0.2
UN2213
0.1
UN2215/2216/2217/2210
IEBO
VEB = 6V, IC = 0
0.01
mA
UN221F/221K
1.0
UN2219
1.5
UN2218/221L/221V
2.0
UN221Z
0.4
Collector to base voltage
VCBO
IC = 10µA, IE = 0
50
V
Collector to emitter voltage
VCEO
IC = 2mA, IB = 0
50
V
UN2211
35
UN2212/221E
60
UN2213/2214/221M
80
UN2215*/2216*/2217*/2210*
hFE
VCE = 10V, IC = 5mA
160
460
UN221F/221D/2219
30
UN2218/221K/221L
20
UN221N/221T
80
400
UN221V
60
200
Collector to emitter saturation voltage
VCE(sat)
IC = 10mA, IB = 0.3mA
0.25
V
UN221V
IC = 10mA, IB = 1.5mA
0.04
0.25
Output voltage high level
VOH
VCC = 5V, VB = 0.5V, RL = 1kΩ
4.9
V
Output voltage low level
VCC = 5V, VB = 2.5V, RL = 1kΩ
0.2
UN2213/221K
VOL
VCC = 5V, VB = 3.5V, RL = 1kΩ
0.2
V
UN221D
VCC = 5V, VB = 10V, RL = 1kΩ
0.2
UN221E
VCC = 5V, VB = 6V, RL = 1kΩ
0.2
Transition frequency
fT
VCB = 10V, IE = –2mA, f = 200MHz
150
MHz
UN2211/2214/2215/221K
10
UN2212/2217/221T
22
UN2213/221D/221E/2210
47
UN2216/221F/221L/221N/221Z
R1
(–30%)
4.7
(+30%)
k
UN2218
0.51
UN2219
1
UN221M/221V
2.2
Emitter
cutoff
current
Forward
current
transfer
ratio
Input
resis-
tance
* hFE rank classification (UN2215/2216/2217/2210)
Rank
Q
R
S
hFE
160 to 260
210 to 340
290 to 460
UN2211/2212/2213/2214/2215/2216/2217/2218/2219/2210/
221D/221E/221F/221K/221L/221M/221N/221T/221V/221Z


Similar Part No. - UN2213

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UN2213 PANASONIC-UN2213 Datasheet
436Kb / 17P
   Silicon NPN epitaxial planar transistor
UN2213 PANASONIC-UN2213 Datasheet
108Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) For switching/digital circuits
More results

Similar Description - UN2213

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
XP1554 PANASONIC-XP1554 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
XP2211 PANASONIC-XP2211 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
UN9211 PANASONIC-UN9211 Datasheet
202Kb / 15P
   Silicon NPN epitaxial planer transistor
XN1214 PANASONIC-XN1214 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1507 PANASONIC-XN1507 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN1509 PANASONIC-XN1509 Datasheet
31Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2212 PANASONIC-XN2212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN2501 PANASONIC-XN2501 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4212 PANASONIC-XN4212 Datasheet
33Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4216 PANASONIC-XN4216 Datasheet
32Kb / 2P
   Silicon NPN epitaxial planer transistor
XN4502 PANASONIC-XN4502 Datasheet
34Kb / 2P
   Silicon NPN epitaxial planer transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com